Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0852V-133BBC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C0852V-133BBC
Description  FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0852V-133BBC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C0852V-133BBC Datasheet HTML 1Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 2Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 3Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 4Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 5Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 6Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 7Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 8Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
CY7C0851V/CY7C0851AV
CY7C0852V/CY7C0852AV
CY7C0853V/CY7C0853AV
FLEx36™ 3.3 V 32 K / 64 K / 128 K / 256 K × 36
Synchronous Dual-Port RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-06070 Rev. *L
Revised August 7, 2012
FLEx36™ 3.3 V 32 K / 64 K / 128 K / 256 K × 36 Synchronous Dual-Port RAM
Features
True dual-ported memory cells that allow simultaneous access
of the same memory location
Synchronous pipelined operation
Organization of 2-Mbit, 4-Mbit, and 9-Mbit devices
Pipelined output mode allows fast operation
0.18-micron Complimentary metal oxide semiconductor
(CMOS) for optimum speed and power
High-speed clock to data access
3.3 V low power
Active as low as 225 mA (typ)
Standby as low as 55 mA (typ)
Mailbox function for message passing
Global master reset
Separate byte enables on both ports
Commercial and industrial temperature ranges
IEEE 1149.1-compatible Joint test action group (JTAG)
boundary scan
172-Ball fine-pitch ball grid array (FBGA) (1 mm pitch)
(15 mm × 15 mm)
176-Pin thin quad plastic flatpack (TQFP)
(24 mm × 24 mm × 1.4 mm)
Counter wrap around control
Internal mask register controls counter wrap-around
Counter-interrupt flags to indicate wrap-around
Memory block retransmit operation
Counter readback on address lines
Mask register readback on address lines
Dual chip enables on both ports for easy depth expansion
Functional Description
The FLEx36™ family includes 2M, 4M, and 9M pipelined,
synchronous, true dual-port static RAMs that are high-speed,
low-power 3.3 V CMOS. Two ports are provided, permitting
independent, simultaneous access to any location in memory.
The result of writing to the same location by more than one port
at the same time is undefined. Registers on control, address, and
data lines allow for minimal setup and hold time.
During a Read operation, data is registered for decreased cycle
time. Each port contains a burst counter on the input address
register. After externally loading the counter with the initial
address, the counter increments the address internally (more
details to follow). The internal Write pulse width is independent
of the duration of the R/W input signal. The internal Write pulse
is self-timed to allow the shortest possible cycle times.
A HIGH on CE0 or LOW on CE1 for one clock cycle powers down
the internal circuitry to reduce the static power consumption. One
cycle with chip enables asserted is required to reactivate the
outputs.
Additional features include: readback of burst-counter internal
address value on address lines, counter-mask registers to
control the counter wrap-around, counter interrupt (CNTINT)
flags, readback of mask register value on address lines,
retransmit functionality, interrupt flags for message passing,
JTAG for boundary scan, and asynchronous Master Reset
(MRST).
The CY7C0853V/CY7C0853AV device in this family has limited
features. Please see Address Counter and Mask Register
Operations on page 9 for details.
Product Selection Guide
Density
2-Mbit (64 K × 36)
4-Mbit (128 K × 36)
9-Mbit (256 K × 36)
Part number
CY7C0851V/CY7C0851AV
CY7C0852V/CY7C0852AV
CY7C0853V/CY7C0853AV
Max. speed (MHz)
167
167
133
Max. access time - clock to data (ns)
4.0
4.0
4.7
Typical operating current (mA)
225
225
270
Package
176-pin TQFP, 172-ball FBGA 176-pin TQFP, 172-ball FBGA
172-ball FBGA


Similar Part No. - CY7C0852V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0852V-133BBC CYPRESS-CY7C0852V-133BBC Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0852V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_11 Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com