Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3232M_V1 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3232M_V1
Description  ±5ppm, I2C Real-Time Clock with SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M_V1 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3232M_V1 Datasheet HTML 1Page - Maxim Integrated Products DS3232M_V1 Datasheet HTML 2Page - Maxim Integrated Products DS3232M_V1 Datasheet HTML 3Page - Maxim Integrated Products DS3232M_V1 Datasheet HTML 4Page - Maxim Integrated Products DS3232M_V1 Datasheet HTML 5Page - Maxim Integrated Products DS3232M_V1 Datasheet HTML 6Page - Maxim Integrated Products DS3232M_V1 Datasheet HTML 7Page - Maxim Integrated Products DS3232M_V1 Datasheet HTML 8Page - Maxim Integrated Products DS3232M_V1 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
3
DC ELECTRICAL CHARACTERISTICS—GENERAL (continued)
(VCC = +2.3V to +4.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = +3.3V, VBAT = +3.0V, and
TA = +25NC, unless otherwise noted.) (Note 1)
DC ELECTRICAL CHARACTERISTICS—VBAT CURRENT CONSUMPTION
(VCC = 0V, VBAT = +2.3V to +4.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = 0V, VBAT = +3.0V, and
TA = +25NC, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Conversion Current
(I2C Inactive)
ICCSCONV
200
350
µA
Power-Fail Voltage
VPF
2.45
2.575
2.70
V
Logic 0 Output
(32KHZ, INT/SQW, SDA)
VOL
IOL = 3mA
0.4
V
Logic 0 Output (RST)
VOL
IOL = 1mA
0.4
V
Logic 1 Output (32KHZ)
VOH
Active supply > 3.3V, IOH = -1mA
2.0
V
Active supply > 2.7V, IOH = -0.75mA
2.0
Active supply > 2.3V, IOH = -0.14mA
2.0
Output Leakage
(32KHZ, INT/SQW, SDA)
ILO
-0.1
+0.1
µA
Input Leakage (SCL)
ILI
-0.1
+0.1
µA
RST I/O Leakage
IOL
-200
+10
µA
VBAT Leakage
IBATLKG
TA = +25NC
-100
25
+100
nA
Temperature Accuracy
TEMPACC VCC or VBAT = +3.3V
Q
3
N
C
Temperature Conversion Time
tCONV
10
ms
Pushbutton Debounce
PBDB
250
ms
Reset Active Time
tRST
250
ms
Oscillator Stop Flag (OSF) Delay
tOSF
(Note 4)
25
100
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Battery Current
(I2C Active)
IBATA
(Note 2)
25
75
µA
Timekeeping Battery Current
(I2C Inactive)
IBATT
EN32KHZ = 0, INTCN = 1 (Note 2)
1.8
3.0
µA
Temperature Conversion Current
(I2C Inactive)
IBATTC
200
350
µA
Data Retention Current
(Oscillator Stopped and I2C
Inactive)
IBATDR
TA = +25NC
100
nA


Similar Part No. - DS3232M_V1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232MZ++ MAXIM-DS3232MZ+ Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
More results

Similar Description - DS3232M_V1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS3231M_1112 MAXIM-DS3231M_1112 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 3; 12/11
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
Epson Company
RTC-4553 EPSON-RTC-4553 Datasheet
111Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE WITH SRAM)
logo
Microchip Technology
MCP79400 MICROCHIP-MCP79400_13 Datasheet
1Mb / 42P
   I2C Real-Time Clock/Calendar with SRAM, Unique IDand Battery Switchover
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com