Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1886 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 6Page - Maxim Integrated Products DS1886 Datasheet HTML 7Page - Maxim Integrated Products DS1886 Datasheet HTML 8Page - Maxim Integrated Products DS1886 Datasheet HTML 9Page - Maxim Integrated Products DS1886 Datasheet HTML 10Page - Maxim Integrated Products DS1886 Datasheet HTML 11Page - Maxim Integrated Products DS1886 Datasheet HTML 12Page - Maxim Integrated Products DS1886 Datasheet HTML 13Page - Maxim Integrated Products DS1886 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
10
(All voltages relative to ground.)
Voltage Range on IN1, DAC, LOS, RSSIP, RSSIN,
REFIN, RSEL, TXF, TXMON, TXD......... -0.5V to (VCC + 0.5V)
(subject to not exceeding +6V)
Voltage Range on VCC, SDA, SCL, TXFOUT
and LOSOUT .......................................................-0.5V to +6V
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 28.6mW/NC above +70NC) ...............2285.7mW
Operating Temperature Range.......................... -40NC to +95NC
Programming Temperature Range ....................... 0NC to +95NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
(TA = -40NC to +95NC, unless otherwise noted.) (Note 1)
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +3.63V, TA = -40NC to +95NC, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Main Supply Voltage
VCC
(Note 2)
2.97
3.63
V
High-Level Input Voltage
(SDA, SCL, SDAOUT)
VIH:1
0.7 x
VCC
VCC +
0.3
V
Low-Level Input Voltage
(SDA, SCL, SDAOUT)
VIL:1
-0.3
+0.3 x
VCC
V
High-Level Input Voltage
(IN1, LOS, RSEL, TXD, TXF)
VIH:2
2.0
VCC +
0.3
V
Low-Level Input Voltage
(IN1, LOS, RSEL, TXD, TXF)
VIL:2
-0.3
+0.8
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Notes 2, 3)
0.7
2
mA
Output Leakage
(LOSOUT, SDA, SDAOUT,
TXFOUT)
ILO
1
F
A
Low-Level Output Voltage
(CSEL1OUT, CSEL2OUT,
LOSOUT, SDA, SDAOUT,
SCLOUT, TXDOUT, TXFOUT)
VOL
IOL = 4mA
0.4
V
IOL = 6mA
0.6
High-Level Output Voltage
(CSEL1OUT, CSEL2OUT,
SCLOUT, SDAOUT, TXDOUT)
VOH
IOH = 4mA
VCC -
0.4
V
Input Leakage Current
(IN1, LOS, RSEL, SCL, TXD, TXF)
ILI
1
F
A
Digital Power-On Reset
POD
1.6
2.6
V
Analog Power-On Reset
POA
POA > POD by design
2.2
2.8
V


Similar Part No. - DS1886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1886T++ MAXIM-DS1886T+ Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1886T+T MAXIM-DS1886T+T Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
More results

Similar Description - DS1886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1878 MAXIM-DS1878 Datasheet
1Mb / 101P
   SFP Controller with Digital LDD Interface
Rev 1; 8/11
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
   SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
   SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
Rev 0; 2/10
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
Finisar Corporation.
FTGN2117P2CUN FINISAR-FTGN2117P2CUN Datasheet
438Kb / 1P
   Pluggable SFP ONU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com