Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1069AV33-10ZXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1069AV33-10ZXC
Description  2 M 횞 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069AV33-10ZXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1069AV33-10ZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY7C1069AV33
Document Number: 38-05255 Rev. *J
Page 11 of 12
Document History Page
Document Title: CY7C1069AV33 2 M × 8 Static RAM
Document Number: 38-05255
REV.
ECN NO.
Submission
Date
Orig. of
Change
Description of Change
**
113724
03/27/02
NSL
New Data Sheet
*A
117060
07/31/02
DFP
Removed 15-ns bin
*B
117990
08/30/02
DFP
Added 8-ns bin
Changing ICC for 8, 10, 12 bins
tpower changed from 1 s to 1 ms
Load Cap Comment changed (for Tx line load)
tSD changed to 5.5 ns for the 10-ns bin
Changed some 8-ns bin #'s (tHZ, tDOE, tDBE)
Removed hz < lz comments
*C
120385
11/13/02
DFP
Final Data Sheet
Added note 4 to “AC Test Loads and Waveforms” and note 7 to tpu and tpd
Updated Input/Output Caps (for 48BGA only) to 8 pf/10 pf and for the 54-pin
TSOP to 6/8 pf
*D
124441
2/25/03
MEG
Changed ISB1 from 100 mA to 70 mA
Shaded the 48fBGA product offering information
*E
403984
See ECN
NXR
Changed the Logic Block Diagram On page # 1
Added notes under Pin Configuration
Changed the Package diagram of 51-85162 from Rev *A to Rev *D
Changed 48-Ball FBGA to 60-Ball FBGA in Pin Configuration
Updated the Ordering Information
*F
492137
See ECN
NXR
Removed 8 ns speed bin from product offering
Changed the description of
IIX from Input Load Current to Input Leakage
Current in DC Electrical Characteristics table
Updated the Ordering Information
*G
2784946
10/12/2009
VKN/PYRS Updated template
Corrected typo in footnote 9
Updated Ordering Information table
*H
2897049
03/25/10
AJU
Removed inactive parts from the ordering information table. Updated
package diagrams.
*I
2950666
06/11/2010
VKN
Removed 12ns speed bin,
Removed 60 Ball FBGA package
Updated Ordering Information
Added Acronyms and Ordering Code Definition.
*J
3096933
11/29/2010
PRAS
Added Units of Measure.
Minor edits and updated in new template.
[+] Feedback


Similar Part No. - CY7C1069AV33-10ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069AV33-10ZXC CYPRESS-CY7C1069AV33-10ZXC Datasheet
398Kb / 9P
   2M x 8 Static RAM
More results

Similar Description - CY7C1069AV33-10ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177EV30 CYPRESS-CY62177EV30 Datasheet
516Kb / 14P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177ESL CYPRESS-CY62177ESL Datasheet
488Kb / 16P
   32-Mbit (2 M 횞 16/4 M 횞 8) Static RAM
CY62167E CYPRESS-CY62167E_10 Datasheet
491Kb / 15P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_12 Datasheet
360Kb / 19P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62177EV18 CYPRESS-CY62177EV18 Datasheet
363Kb / 17P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY7C1089DV33 CYPRESS-CY7C1089DV33_12 Datasheet
263Kb / 11P
   64-Mbit (8 M 횞 8) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_12 Datasheet
266Kb / 13P
   32-Mbit (2 M 횞 16) Static RAM
CY62256N CYPRESS-CY62256N_11 Datasheet
596Kb / 14P
   256K (32K 횞 8) Static RAM
logo
Winbond
W24257S-70LL-TR WINBOND-W24257S-70LL-TR Datasheet
557Kb / 10P
   32K 횞 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY62138EV30 CYPRESS-CY62138EV30_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com