Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0853AV-100BBI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C0853AV-100BBI
Description  FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0853AV-100BBI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C0853AV-100BBI Datasheet HTML 4Page - Cypress Semiconductor CY7C0853AV-100BBI Datasheet HTML 5Page - Cypress Semiconductor CY7C0853AV-100BBI Datasheet HTML 6Page - Cypress Semiconductor CY7C0853AV-100BBI Datasheet HTML 7Page - Cypress Semiconductor CY7C0853AV-100BBI Datasheet HTML 8Page - Cypress Semiconductor CY7C0853AV-100BBI Datasheet HTML 9Page - Cypress Semiconductor CY7C0853AV-100BBI Datasheet HTML 10Page - Cypress Semiconductor CY7C0853AV-100BBI Datasheet HTML 11Page - Cypress Semiconductor CY7C0853AV-100BBI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
CY7C0851V/CY7C0851AV
CY7C0852V/CY7C0852AV
CY7C0853V/CY7C0853AV
Document Number: 38-06070 Rev. *L
Page 8 of 39
Master Reset
The FLEx36 family devices undergo a complete reset by taking
its
MRST
input
LOW.
The
MRST
input
can
switch
asynchronously to the clocks. The MRST initializes the internal
burst counters to zero, and the counter mask registers to all ones
(completely unmasked). The MRST also forces the Mailbox
Interrupt (INT) flags and the Counter Interrupt (CNTINT) flags
HIGH. The MRST must be performed on the FLEx36 family
devices after power up.
Mailbox Interrupts
The upper two memory locations may be used for message
passing and permit communications between ports. Table 1
shows
the
interrupt
operation
for
both
ports
of
CY7C853V/CY7C0853AV. The highest memory location, 3FFFF
is the mailbox for the right port and 3FFFE is the mailbox for the
left port. Table 1 shows that in order to set the INTR flag, a Write
operation by the left port to address 3FFFF asserts INTR LOW.
At least one byte has to be active for a Write to generate an
interrupt. A valid Read of the 3FFFF location by the right port
resets INTR HIGH. At least one byte has to be active in order for
a Read to reset the interrupt. When one port Writes to the other
port’s mailbox, the INT of the port that the mailbox belongs to is
asserted LOW. The INT is reset when the owner (port) of the
mailbox Reads the contents of the mailbox. The interrupt flag is
set in a flow-thru mode (that is it follows the clock edge of the
writing port). Also, the flag is reset in a flow-thru mode (that is it
follows the clock edge of the reading port).
Each port can read the other port’s mailbox without resetting the
interrupt. And each port can write to its own mailbox without
setting the interrupt. If an application does not require message
passing, INT pins should be left open.
Table 1. Interrupt Operation Example [5, 6, 7, 8, 9]
Function
Left Port
Right Port
R/WL
CEL
A0L–17L
INTL
R/WR
CER
A0R–17R
INTR
Set right INTR flag
L
L
3FFFF
X
X
X
X
L
Reset right INTR flag
X
X
X
X
H
L
3FFFF
H
Set left INTL flag
X
X
X
L
L
L
3FFFE
X
Reset left INTL flag
H
L
3FFFE
H
X
X
X
X
Table 2. Address Counter and Counter-Mask Register Control Operation (Any Port) [10, 11]
CLK
MRST
CNT/MSK CNTRST
ADS
CNTEN
Operation
Description
X
L
XXXX
Master reset
Reset address counter to all 0s and mask
register to all 1s.
H
H
L
X
X
Counter reset
Reset counter unmasked portion to all 0s.
H
H
H
L
L
Counter load
Load counter with external address value
presented on address lines.
H
H
H
L
H
Counter readback
Read out counter internal value on address
lines.
HHHH
L
Counter increment Internally increment address counter value.
HHHHH
Counter hold
Constantly hold the address value for
multiple clock cycles.
H
L
L
X
X
Mask reset
Reset mask register to all 1s.
H
L
H
L
L
Mask load
Load mask register with value presented on
the address lines.
H
L
H
L
H
Mask readback
Read out mask register value on address
lines.
H
L
H
H
X
Reserved
Operation undefined
Notes
5. 9 M device has 18 address bits, 4M device has 17 address bits, and 2M device has 16 address bits.
6. CE is internal signal. CE = LOW if CE0 = LOW and CE1 = HIGH. For a single Read operation, CE only needs to be asserted once at the rising edge of the CLK and
can be deasserted after that. Data is out after the following CLK edge and is three-stated after the next CLK edge.
7. OE is “Don’t Care” for mailbox operation.
8. At least one of B0, B1, B2, or B3 must be LOW.
9. A16x is a NC for CY7C0851V/CY7C0851AV, therefore the Interrupt Addresses are FFFF and EFFF.
10. “X” = “Don’t Care,” “H” = HIGH, “L” = LOW.
11. Counter operation and mask register operation is independent of chip enables.


Similar Part No. - CY7C0853AV-100BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0853AV-100BBI CYPRESS-CY7C0853AV-100BBI Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0853AV-100BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_11 Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com