Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0831AV-133AXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C0831AV-133AXI
Description  FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0831AV-133AXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C0831AV-133AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C0831AV-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C0831AV-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C0831AV-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C0831AV-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C0831AV-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C0831AV-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C0831AV-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C0831AV-133AXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CY7C0831AV, CY7C0832AV
CY7C0832BV, CY7C0833V
Document #: 38-06059 Rev. *W
Page 8 of 31
Counter Reset Operation
All unmasked bits of the counter are reset to ‘0.’ All masked bits
remain unchanged. The mirror register is loaded with the value
of the burst counter. A Mask Reset followed by a Counter Reset
resets the counter and mirror registers to 00000, as does master
reset (MRST).
Counter Load Operation
The address counter and mirror registers are both loaded with
the address value presented at the address lines.
Counter Increment Operation
When the address counter register is initially loaded with an
external address, the counter can internally increment the
address value, potentially addressing the entire memory array.
Only the unmasked bits of the counter register are incremented.
The corresponding bit in the mask register must be a ‘1’ for a
counter bit to change. The counter register is incremented by 1
if the least significant bit is unmasked, and by 2 if it is masked. If
all unmasked bits are ‘1,’ the next increment wraps the counter
back to the initially loaded value. If an Increment results in all the
unmasked bits of the counter being ‘1s,’ a counter interrupt flag
(CNTINT) is asserted. The next Increment returns the counter
register to its initial value, which was stored in the mirror register.
The counter address can instead be forced to loop to 00000 by
externally connecting CNTINT to CNTRST.[18] An increment that
results in one or more of the unmasked bits of the counter being
‘0’ deasserts the counter interrupt flag. The example in Figure 4
on page 11 shows the counter mask register loaded with a mask
value of 0003Fh unmasking the first 6 bits with bit ‘0’ as the LSB
and bit ‘16’ as the MSB. The maximum value the mask register
can be loaded with is 3FFFFh. Setting the mask register to this
value allows the counter to access the entire memory space. The
address counter is then loaded with an initial value of 8h. The
base address bits (in this case, the 6th address through the 16th
address) are loaded with an address value but do not increment
after the counter is configured for increment operation. The
counter address starts at address 8h. The counter increments its
internal address value until it reaches the mask register value of
3Fh. The counter wraps around the memory block to location 8h
at the next count. CNTINT is issued when the counter reaches
its maximum value
Counter Hold Operation
The value of all three registers can be constantly maintained
unchanged for an unlimited number of clock cycles. Such
operation is useful in applications where wait states are needed,
or when address is available a few cycles ahead of data in a
shared bus interface.
Counter Interrupt
The counter interrupt (CNTINT) is asserted LOW when an
increment operation results in the unmasked portion of the
counter register being all ‘1s.’ It is deasserted HIGH when an
Increment operation results in any other value. It is also
de-asserted by Counter Reset, Counter Load, Mask Reset and
Mask Load operations, and by MRST.
Counter Readback Operation
The internal value of the counter register can be read out on the
address lines. Readback is pipelined; the address is valid tCA2
after the next rising edge of the port’s clock. If address readback
occurs while the port is enabled (CE0 LOW and CE1 HIGH), the
data lines (DQs) are three-stated. Figure 3 on page 10 shows a
block diagram of the operation.
Table 1. Interrupt Operation Example [12, 13, 14, 15, 16, 17]
Function
Left Port
Right Port
R/WL
CEL
A0L–A18L
INTL
R/WR
CER
A0R–A18R
INTR
Set Right INTR Flag
L
L
3FFFF
XXXX
L
Reset Right INTR Flag
XXXX
H
L
3FFFF
H
Set Left INTL Flag
XXX
L
L
L
3FFFE
X
Reset Left INTL Flag
H
L
3FFFE
H
XXXX
Set Right INTR Flag
L
L
3FFFF
XXXX
L
Notes
12. CY7C0831AV has 17 address bits, CY7C0832AV/CY7C0832BV has 18 address bits and CY7C0833V has 19 address bits.
13. CE is internal signal. CE = LOW if CE0 = LOW and CE1 = HIGH. For a single Read operation, CE only needs to be asserted once at the rising edge of the CLK and
can be deasserted after that. Data is out after the following CLK edge and is three-stated after the next CLK edge.
14. OE is “Don’t Care” for mailbox operation.
15. At least one of BE0, BE1 must be LOW.
16. A18x is a NC for CY7C0832AV/CY7C0832BV, therefore the Interrupt Addresses are 3FFFF and 3FFFE. A18x and A17x are NC for CY7C0831AV, therefore the
Interrupt addresses are 1FFFF and 1FFFE.
17. “X” = “Don’t Care,” “H” = HIGH, “L” = LOW.
18. CNTINT and CNTRST specs are guaranteed by design to operate properly at speed grade operating frequency when tied together.


Similar Part No. - CY7C0831AV-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0831AV-133AXI CYPRESS-CY7C0831AV-133AXI Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0831AV-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_11 Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com