Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1683 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1683
Description  Total-Elapsed-Time and Event Recorder with Alarm
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1683 Datasheet HTML 1Page - Maxim Integrated Products DS1683 Datasheet HTML 2Page - Maxim Integrated Products DS1683 Datasheet HTML 3Page - Maxim Integrated Products DS1683 Datasheet HTML 4Page - Maxim Integrated Products DS1683 Datasheet HTML 5Page - Maxim Integrated Products DS1683 Datasheet HTML 6Page - Maxim Integrated Products DS1683 Datasheet HTML 7Page - Maxim Integrated Products DS1683 Datasheet HTML 8Page - Maxim Integrated Products DS1683 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
Note 1: All voltages are referenced to ground. Currents entering the IC are specified as positive; currents exiting the IC are specified
as negative.
Note 2: Guaranteed by design.
Note 3: CB: Total capacitance of one bus line in pF.
Note 4: EEPROM write time begins after a STOP condition occurs.
Note 5: A decoupling capacitor to supply high instantaneous currents during EEPROM writes is recommended. A typical value is
0.01FF. VCC must be maintained above VCC(MIN), including transients, during EEPROM writes.
Note 6: VCC must be at or above 2.5V for tW after the end of an event to ensure data transfer to the EEPROM.
Note 7: Memory locations to which this specification applies: User Memory, ETC Alarm Limit, Event Counter Alarm Limit,
Configuration, Password Value.
Note 8: Memory locations to which this specification applies: Event Counter register, ETC register.
I2C AC ELECTRICAL CHARACTERISTICS
(VCC = 2.5V to 5.5V, TA = -40NC to +85NC, timing referenced to VIL(MAX) and VIH(MIN), unless otherwise noted.) (Figure 7)
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = 2.5V to 5.5V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD:STA
0.6
F
s
Low Period of SCL
tLOW
1.3
F
s
High Period of SCL
tHIGH
0.6
F
s
Data Hold Time
tHD:DAT
0
0.9
F
s
Data Setup Time
tSU:DAT
100
ns
START Setup Time
tSU:STA
0.6
F
s
SDA and SCL Rise Time
tR
(Note 3)
20 +
0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 3)
20 +
0.1CB
300
ns
STOP Setup Time
tSU:STO
0.6
F
s
SDA and SCL Capacitive
Loading
CB
(Note 3)
400
pF
EEPROM Write Time
tW
(Notes 4, 5, 6)
10
20
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
EEPROM Write Cycles
TA = +70NC (Note 7)
50,000
Writes
EEPROM Write Cycles (4 Banks)
TA = +70NC (Note 8)
200,000
Writes


Similar Part No. - DS1683

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683S MAXIM-DS1683S Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683STR MAXIM-DS1683STR Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683 MAXIM-DS1683_12 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
More results

Similar Description - DS1683

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683_12 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
   Total Elapsed Time Recorder with Alarm
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1678 MAXIM-DS1678 Datasheet
819Kb / 25P
   Real-Time Event Recorder
100405
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
Dallas Semiconductor
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
   Elapsed Time Counter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com