Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0832AV-133AXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C0832AV-133AXI
Description  FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0832AV-133AXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C0832AV-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CY7C0831AV, CY7C0832AV
CY7C0832BV, CY7C0833V
Document #: 38-06059 Rev. *W
Page 9 of 31
Retransmit
Retransmit is a feature that allows the Read of a block of memory
more than once without the need to reload the initial address.
This eliminates the need for external logic to store and route
data. It also reduces the complexity of the system design and
saves board space. An internal mirror register is used to store
the initially loaded address counter value. When the counter
unmasked portion reaches its maximum value set by the mask
register, it wraps back to the initial value stored in this mirror
register. If the counter is continuously configured in increment
mode, it increments again to its maximum value and wraps back
to the value initially stored into the mirror register. Thus, the
repeated access of the same data is allowed without the need
for any external logic.
Mask Reset Operation
The mask register is reset to all ‘1s,’ which unmasks every bit of
the counter. Master reset (MRST) also resets the mask register
to all ‘1s’.
Mask Load Operation
The mask register is loaded with the address value presented at
the address lines. Not all values permit correct increment
operations. Permitted values are of the form 2n – 1 or 2n – 2.
From the most significant bit to the least significant bit, permitted
values have zero or more ‘0s,’ one or more ‘1s,’ or one ‘0.’ Thus
3FFFF, 003FE, and 00001 are permitted values, but 3F0FF,
003FC, and 00000 are not.
Mask Readback Operation
The internal value of the mask register can be read out on the
address lines. Readback is pipelined; the address is valid tCM2
after the next rising edge of the port’s clock. If mask readback
occurs while the port is enabled (CE0 LOW and CE1 HIGH), the
data lines (DQs) is three-stated. Figure 3 on page 10 shows a
block diagram of the operation.
Counting by Two
When the least significant bit of the mask register is ‘0,’ the
counter increments by two. This may be used to connect the × 18
devices as a 36-bit single port SRAM in which the counter of one
port counts even addresses and the counter of the other port
counts odd addresses. This even-odd address scheme stores
one half of the 36-bit data in even memory locations, and the
other half in odd memory locations.
Table 2. Address Counter and Counter-Mask Register Control Operation (Any Port) [19, 20]
CLK MRST CNT/MSK
CNTRST
ADS
CNTEN
Operation
Description
X
L
X
X
X
X
Master Reset
Reset address counter to all 0s and mask register
to all 1s.
H
H
L
X
X
Counter Reset
Reset counter unmasked portion to all 0s.
H
H
H
L
L
Counter Load
Load counter with external address value
presented on address lines.
H
H
H
L
H
Counter Readback
Read out counter internal value on address lines.
H
H
H
H
L
Counter Increment
Internally increment address counter value.
H
H
H
H
H
Counter Hold
Constantly hold the address value for multiple
clock cycles.
H
L
L
X
X
Mask Reset
Reset mask register to all 1s.
H
L
H
L
L
Mask Load
Load mask register with value presented on the
address lines.
H
L
H
L
H
Mask Readback
Read out mask register value on address lines.
H
L
H
H
X
Reserved
Operation undefined
Notes
19. “X” = “Don’t Care,” “H” = HIGH, “L” = LOW.
20. Counter operation and mask register operation is independent of chip enables.


Similar Part No. - CY7C0832AV-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0832AV-133AXI CYPRESS-CY7C0832AV-133AXI Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0832AV-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_11 Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com