Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1339A
Description  Low-Current, I2C, Serial Real-Time Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339A Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1339A Datasheet HTML 1Page - Maxim Integrated Products DS1339A Datasheet HTML 2Page - Maxim Integrated Products DS1339A Datasheet HTML 3Page - Maxim Integrated Products DS1339A Datasheet HTML 4Page - Maxim Integrated Products DS1339A Datasheet HTML 5Page - Maxim Integrated Products DS1339A Datasheet HTML 6Page - Maxim Integrated Products DS1339A Datasheet HTML 7Page - Maxim Integrated Products DS1339A Datasheet HTML 8Page - Maxim Integrated Products DS1339A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
DS1339A
Low-Current, I2C, Serial Real-Time Clock
Voltage Range on Any Pin Relative to Ground....-0.3V to +6.0V
Operating Temperature Range (Noncondensing)....-40NC to +85NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (soldering, 10 seconds) ...................+300NC
Soldering Temperature (reflow) ......................................+260NC
µSOP
Junction-to-Ambient Thermal Resistance (BJA) .....206.3NC/W
Junction-to-Case Thermal Resistance (BJC) ...............42NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
RECOMMENDED OPERATING CONDITIONS
(TA = -40NC to +85NC, unless otherwise noted.) (Note 2)
DC ELECTRICAL CHARACTERISTICS
(VCC = MIN to MAX, VBACKUP = MIN to MAX, TA = -40NC to +85NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
1.71
3.3
5.5
V
Backup Supply Voltage
VBACKUP
1.3
3.0
3.7
V
VBACKMIN
1.15
1.3
Logic 1
VIH
0.7 x
VCC
5.5
V
Logic 0
VIL
-0.3
0.3 x
VCC
V
Power-Fail Voltage
VPF
1.51
1.61
1.71
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
ILI
(Note 3)
-0.1
0.1
F
A
I/O Leakage
ILO
(Note 4)
-0.1
0.1
F
A
Logic 0 Out (SDA or SQW/INT)
VOL = 0.4V,
VCC R VCCMIN
IOL
(Note 4)
3
mA
Logic 0 Out (SQW/INT)
VOL = 0.2V, VCC = 0V,
VBAT R VBATMIN
IOL
(Note 4)
250
F
A
VCC Active Current
ICCA
(Note 5)
450
F
A
VCC Standby Current
ICCS
(Note 6)
200
F
A
Trickle-Charger Resistor Register
10h = A5h, VCC = Typ,
VBACKUP = 0V
R1
(Note 7)
200
I


Similar Part No. - DS1339A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
DS1339AU MAXIM-DS1339AU Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results

Similar Description - DS1339A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339B MAXIM-DS1339B Datasheet
657Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock for High-ESR Crystals
Rev 1 4/15
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Maxim Integrated Produc...
MAX31342 MAXIM-MAX31342 Datasheet
476Kb / 24P
   Low-Current, Real-Time Clock with I2C Interface
Rev 2; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com