Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C421 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C421
Description  512 횞 9 Asynchronous FIFO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C421 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C421 Datasheet HTML 4Page - Cypress Semiconductor CY7C421 Datasheet HTML 5Page - Cypress Semiconductor CY7C421 Datasheet HTML 6Page - Cypress Semiconductor CY7C421 Datasheet HTML 7Page - Cypress Semiconductor CY7C421 Datasheet HTML 8Page - Cypress Semiconductor CY7C421 Datasheet HTML 9Page - Cypress Semiconductor CY7C421 Datasheet HTML 10Page - Cypress Semiconductor CY7C421 Datasheet HTML 11Page - Cypress Semiconductor CY7C421 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CY7C421
Document Number: 38-06001 Rev. *H
Page 8 of 21
Switching Characteristics
Over the Operating Range
Parameter [6]
Description
-15
-20
Unit
Min
Max
Min
Max
tRC
Read Cycle Time
25
30
ns
tA
Access Time
15
20
ns
tRR
Read Recovery Time
10
10
ns
tPR
Read Pulse Width
15
20
ns
tLZR[7]
Read LOW to Low Z
3
3
ns
tDVR[7, 8]
Data Valid after Read HIGH
5
5
ns
tHZR[7, 8]
Read HIGH to High Z
15
15
ns
tWC
Write Cycle Time
25
30
ns
tPW
Write Pulse Width
15
20
ns
tHWZ[7]
Write HIGH to Low Z
5
5
ns
tWR
Write Recovery Time
10
10
ns
tSD
Data Setup Time
8
12
ns
tHD
Data Hold Time
0
0
ns
tMRSC
MR Cycle Time
25
30
ns
tPMR
MR Pulse Width
15
20
ns
tRMR
MR Recovery Time
10
10
ns
tRPW
Read HIGH to MR HIGH
15
20
ns
tWPW
Write HIGH to MR HIGH
15
20
ns
tRTC
Retransmit Cycle Time
25
30
ns
tPRT
Retransmit Pulse Width
15
20
ns
tRTR
Retransmit Recovery Time
10
10
ns
tEFL
MR to EF LOW
25
30
ns
tHFH
MR to HF HIGH
25
30
ns
tFFH
MR to FF HIGH
25
30
ns
tREF
Read LOW to EF LOW
15
20
ns
tRFF
Read HIGH to FF HIGH
15
20
ns
tWEF
Write HIGH to EF HIGH
15
20
ns
tWFF
Write LOW to FF LOW
15
20
ns
tWHF
Write LOW to HF LOW
15
20
ns
tRHF
Read HIGH to HF HIGH
15
20
ns
tRAE
Effective Read from Write HIGH
15
20
ns
tRPE
Effective Read Pulse Width after EF HIGH
15
20
ns
tWAF
Effective Write from Read HIGH
15
20
ns
tWPF
Effective Write Pulse Width after FF HIGH
15
20
ns
tXOL
Expansion Out LOW Delay from Clock
15
20
ns
tXOH
Expansion Out HIGH Delay from Clock
15
20
ns
Notes
6. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V and output loading of the specified IOL/IOH and 30 pF load capacitance,
as in part (a) of Figure 4 on page 7, unless otherwise specified.
7. tHZR transition is measured at +200 mV from VOL and –200 mV from VOH. tDVR transition is measured at the 1.5V level. tHWZ and tLZR transition is measured at
100 mV from the steady state.
8. tHZR and tDVR use capacitance loading as in part (b) of Figure 4 on page 7.


Similar Part No. - CY7C421

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C421 CYPRESS-CY7C421 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C421 CYPRESS-CY7C421 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C421-10AC CYPRESS-CY7C421-10AC Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C421-10AC CYPRESS-CY7C421-10AC Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C421-10AC CYPRESS-CY7C421-10AC Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
More results

Similar Description - CY7C421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7200L TI-SN74ACT7200L Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Sharp Corporation
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
   CMOS 512 x 9 FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com