Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C136A-55JXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C136A-55JXI
Description  2K x 8 Dual-Port Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C136A-55JXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C136A-55JXI Datasheet HTML 2Page - Cypress Semiconductor CY7C136A-55JXI Datasheet HTML 3Page - Cypress Semiconductor CY7C136A-55JXI Datasheet HTML 4Page - Cypress Semiconductor CY7C136A-55JXI Datasheet HTML 5Page - Cypress Semiconductor CY7C136A-55JXI Datasheet HTML 6Page - Cypress Semiconductor CY7C136A-55JXI Datasheet HTML 7Page - Cypress Semiconductor CY7C136A-55JXI Datasheet HTML 8Page - Cypress Semiconductor CY7C136A-55JXI Datasheet HTML 9Page - Cypress Semiconductor CY7C136A-55JXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CY7C132, CY7C136
CY7C136A, CY7C142,
CY7C146
Document #: 38-06031 Rev. *H
Page 6 of 17
Switching Characteristics
Over the Operating Range (Speeds -35, -45, -55) [8]
Parameter
Description
7C132-35
7C136-35
7C142-35
7C146-35
7C132-45
7C136-45
7C142-45
7C146-45
7C132-55
7C136-55
7C136A-55
7C142-55
7C146-55
Unit
Min
Max
Min
Max
Min
Max
Read Cycle
tRC
Read Cycle Time
35
45
55
ns
tAA
Address to Data Valid[9]
35
45
55
ns
tOHA
Data Hold from Address Change
0
0
0
ns
tACE
CE LOW to Data Valid[9]
35
45
55
ns
tDOE
OE LOW to Data Valid[9]
20
25
25
ns
tLZOE
OE LOW to Low Z[7, 10]
33
3
ns
tHZOE
OE HIGH to High Z[7, 10, 11]
20
20
25
ns
tLZCE
CE LOW to Low Z[7, 10]
55
5
ns
tHZCE
CE HIGH to High Z[7, 10, 11]
20
20
25
ns
tPU
CE LOW to power-up[7]
00
0
ns
tPD
CE HIGH to power-down[7]
35
35
35
ns
Write Cycle[12]
tWC
Write Cycle Time
35
45
55
ns
tSCE
CE LOW to Write End
30
35
40
ns
tAW
Address Setup to Write End
30
35
40
ns
tHA
Address Hold from Write End
2
2
2
ns
tSA
Address Setup to Write Start
0
0
0
ns
tPWE
R/W Pulse Width
25
30
30
ns
tSD
Data Setup to Write End
15
20
20
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE
R/W LOW to High Z [7]
20
20
25
ns
tLZWE
R/W HIGH to Low Z [7]
00
0
ns
Busy/Interrupt Timing
tBLA
BUSY LOW from Address Match
20
25
30
ns
tBHA
BUSY HIGH from Address Mismatch[13]
20
25
30
ns
tBLC
BUSY LOW from CE LOW
202530
ns
tBHC
BUSY HIGH from CE HIGH[13]
20
25
30
ns
tPS
Port Set Up for Priority
5
5
5
ns
tWB
R/W LOW after BUSY LOW[14]
00
0
ns
tWH
R/W HIGH after BUSY HIGH
30
35
35
ns
tBDD
BUSY HIGH to Valid Data
35
45
45
ns
tDDD
Write Data Valid to Read Data Valid
Note 15
Note 15
Note 15
ns
tWDD
Write Pulse to Data Delay
Note 15
Note 15
Note 15
ns


Similar Part No. - CY7C136A-55JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C136A-55JXI CYPRESS-CY7C136A-55JXI Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136A-55JXI CYPRESS-CY7C136A-55JXI Datasheet
443Kb / 15P
   2K x 8 Dual-Port Static RAM High speed access: 15 ns
More results

Similar Description - CY7C136A-55JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com