Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C006AV-25AXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C006AV-25AXC
Description  3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C006AV-25AXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C006AV-25AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C006AV-25AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C006AV-25AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C006AV-25AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C006AV-25AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C006AV-25AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C006AV-25AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C006AV-25AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C006AV-25AXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CY7C144AV
CY7C006AV
Document Number: 38-06051 Rev. *H
Page 7 of 21
Data Retention Mode
The CY7C144AV and CY7C006AV are designed with battery
backup in mind. Data retention voltage and supply current are
guaranteed over temperature. The following rules ensure data
retention:
1. Chip enable (CE) must be held HIGH during data retention,
within VCC to VCC – 0.2 V.
2. CE must be kept between VCC – 0.2 V and 70% of VCC during
the power-up and power-down transitions.
3. The RAM can begin operation > tRC after VCC reaches the
minimum operating voltage (3.0 Volts).
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load 1)
R1 = 590
3.3 V
OUTPUT
R2 = 435
C= 30 pF
VTH =1.4 V
OUTPUT
C = 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay(Load 2)
R1 = 590
R2 = 435
3.3 V
OUTPUT
C= 5pF
RTH = 250 
including scope and jig)
(Used for tLZ, tHZ, tHZWE & tLZWE
Timing
Figure 4. Timing
Parameter
Test Conditions [8]
Max
Unit
ICCDR1
@ VCCDR = 2 V
50
A
Data Retention Mode
3.0 V
3.0 V
VCC 2.0 V
VCC to VCC – 0.2 V
VCC
CE
tRC
V
IH
Note
8. CE = VCC, VIN = GND to VCC, TA = 25 °C. This parameter is guaranteed but not tested.


Similar Part No. - CY7C006AV-25AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006AV-25AXC CYPRESS-CY7C006AV-25AXC Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C006AV-25AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com