Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C131A-15JXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C131A-15JXI
Description  1 K 횞 8 Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131A-15JXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C131A-15JXI Datasheet HTML 6Page - Cypress Semiconductor CY7C131A-15JXI Datasheet HTML 7Page - Cypress Semiconductor CY7C131A-15JXI Datasheet HTML 8Page - Cypress Semiconductor CY7C131A-15JXI Datasheet HTML 9Page - Cypress Semiconductor CY7C131A-15JXI Datasheet HTML 10Page - Cypress Semiconductor CY7C131A-15JXI Datasheet HTML 11Page - Cypress Semiconductor CY7C131A-15JXI Datasheet HTML 12Page - Cypress Semiconductor CY7C131A-15JXI Datasheet HTML 13Page - Cypress Semiconductor CY7C131A-15JXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CY7C130, CY7C130A
CY7C131, CY7C131A
Document Number: 38-06002 Rev. *H
Page 10 of 22
Busy/Interrupt Timing
tBLA
BUSY LOW from address match
20
25
30
ns
tBHA
BUSY HIGH from address mismatch[30]
20
25–30
ns
tBLC
BUSY LOW from CE LOW
20
25
30
ns
tBHC
BUSY HIGH from CE HIGH[30]
20
25–30
ns
tPS
Port set-up for priority
5
5
5
ns
tWB
[31]
R/W LOW after BUSY LOW
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH
30
35
35
ns
tBDD
BUSY HIGH to valid data
35
45
45
ns
tDDD
Write data valid to read data valid
Note 32
Note 32
Note 32
ns
tWDD
Write pulse to data delay
Note 32
Note 32
Note 32
ns
Interrupt Timing
tWINS
R/W to INTERRUPT set time
25
35
45
ns
tEINS
CE to INTERRUPT set time
25
35
45
ns
tINS
Address to INTERRUPT set time
25
35
45
ns
tOINR
OE to INTERRUPT reset time[20]
25
35–45
ns
tEINR
CE to INTERRUPT reset time[20]
25
35–45
ns
tINR
Address to INTERRUPT reset time[20]
25
35–45
ns
Switching Characteristics
Over the Operating Range[23, 24] (continued)
Parameter
Description
7C130-35
7C131-35
7C140-35
7C141-35
7C130-45
7C131-45
7C140-45
7C141-45
7C130-55
7C131-55
7C140-55
7C141-55
Unit
Min
Max
Min
Max
Min
Max
Notes
30. These parameters are measured from the input signal changing, until the output pin goes to a high-impedance state.
31. CY7C140/CY7C141 only.
32. A write operation on Port A, where Port A has priority, leaves the data on Port B’s outputs undisturbed until one access time after one of the following:
BUSY on Port B goes HIGH.
Port B’s address is toggled.
CE for Port B is toggled.
R/W for Port B is toggled during valid read.


Similar Part No. - CY7C131A-15JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131AE CYPRESS-CY7C131AE Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
CY7C131AE-15JXI CYPRESS-CY7C131AE-15JXI Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CY7C131AE-15JXI CYPRESS-CY7C131AE-15JXI Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
More results

Similar Description - CY7C131A-15JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com