Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C027V-25AC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C027V-25AC
Description  3.3 V 32K/64K x 16/18 Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C027V-25AC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C027V-25AC Datasheet HTML 1Page - Cypress Semiconductor CY7C027V-25AC Datasheet HTML 2Page - Cypress Semiconductor CY7C027V-25AC Datasheet HTML 3Page - Cypress Semiconductor CY7C027V-25AC Datasheet HTML 4Page - Cypress Semiconductor CY7C027V-25AC Datasheet HTML 5Page - Cypress Semiconductor CY7C027V-25AC Datasheet HTML 6Page - Cypress Semiconductor CY7C027V-25AC Datasheet HTML 7Page - Cypress Semiconductor CY7C027V-25AC Datasheet HTML 8Page - Cypress Semiconductor CY7C027V-25AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CY7C027V/027AV/028V
CY7C037AV/038V
Document #: 38-06078 Rev. *E
Page 5 of 22
Architecture
The CY7C027V/027AV/028V and CY7037AV/038V consist of an
array of 32K and 64K words of 16 and 18 bits each of dual-port
RAM cells, I/O and address lines, and control signals (CE, OE,
R/W). These control pins permit independent access for reads or writes
to any location in memory. To handle simultaneous writes/reads to the
same location, a BUSY pin is provided on each port. Two interrupt (INT)
pins can be utilized for port-to-port communication. Two semaphore
(SEM) control pins are used for allocating shared resources. With the
M/S pin, the devices can function as a master (BUSY pins are outputs)
or as a slave (BUSY pins are inputs). The devices also have an
automatic power down feature controlled by CE. Each port is provided
with its own output enable control (OE), which allows data to be read
from the device.
Functional Description
The CY7C027V/027AV/028V and CY7037AV/038V are low
power CMOS 32K, 64K x 16/18 dual-port static RAMs. Various
arbitration schemes are included on the devices to handle
situations when multiple processors access the same piece of
data.
Two
ports
are
provided,
permitting
independent,
asynchronous access for reads and writes to any location in
memory. The devices can be utilized as stand-alone 16/18-bit
dual-port static RAMs or multiple devices can be combined to
function as a 32/36-bit or wider master/slave dual-port static
RAM. An M/S pin is provided for implementing 32/36-bit or wider
memory applications without the need for separate master and
slave devices or additional discrete logic. Application areas
include interprocessor/multiprocessor designs, communications
status buffering, and dual-port video/graphics memory.
Each port has independent control pins: Chip Enable (CE), Read
or Write Enable (R/W), and Output Enable (OE). Two flags are
provided on each port (BUSY and INT). BUSY signals that the port is
trying to access the same location currently being accessed by the other
port. The interrupt flag (INT) permits communication between ports or
systems by means of a mail box. The semaphores are used to pass a
flag, or token, from one port to the other to indicate that a shared
resource is in use. The semaphore logic is comprised of eight shared
latches. Only one side can control the latch (semaphore) at any time.
Control of a semaphore indicates that a shared resource is in use. An
automatic power down feature is controlled independently on each port
by a chip select (CE) pin.
The
CY7C027V/027AV/028V
and
CY7037AV/038V
are
available in 100-pin Thin Quad Plastic Flatpacks (TQFP).
Write Operation
Data must be set up for a duration of tSD before the rising edge of
R/W to guarantee a valid write. A write operation is controlled by either
the R/W pin (see Figure 7) or the CE pin (see Figure 8). Required inputs
for non-contention operations are summarized in Table 1.
If a location is being written to by one port and the opposite port
attempts to read that location, a port-to-port flowthrough delay
must occur before the data is read on the output; otherwise the
data read is not deterministic. Data is valid on the port tDDD after
the data is presented on the other port.
Read Operation
When reading the device, the user must assert both the OE and
CE pins. Data is available tACE after CE or tDOE after OE is asserted. If
the user wishes to access a semaphore flag, then the SEM pin must be
asserted instead of the CE pin, and OE must also be asserted.
Interrupts
The upper two memory locations may be used for message
passing.
The
highest
memory
location
(7FFF
for
the
CY7C027V/037AV/027AV, FFFF for the CY7C028V/38V) is the
mailbox for the right port and the second-highest memory
location (7FFE for the CY7C027V/027AV/037AV, FFFE for the
CY7C028V/38V) is the mailbox for the left port. When one port
writes to the other port’s mailbox, an interrupt is generated to the
owner. The interrupt is reset when the owner reads the contents
of the mailbox. The message is user defined.
Pin Definitions
Left Port
Right Port
Description
CE0L, CE1L
CE0R, CE1R
Chip Enable (CE is LOW when CE0  VIL and CE1 VIH)
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L–A15L
A0R–A15R
Address (A0–A14 for 32K; A0–A15 for 64K devices)
I/O0L–I/O17L
I/O0R–I/O17R
Data bus input/output (I/O0–I/O15 for x16 devices; I/O0–I/O17 for x18)
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper byte select (I/O8–I/O15 for x16 devices; I/O9–I/O17 for x18 devices)
LBL
LBR
Lower byte select (I/O0–I/O7 for x16 devices; I/O0–I/O8 for x18 devices)
INTL
INTR
Interrupt flag
BUSYL
BUSYR
Busy flag
M/S
Master or Slave select
VCC
Power
GND
Ground
NC
No connect


Similar Part No. - CY7C027V-25AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V-25AC CYPRESS-CY7C027V-25AC Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-25AC CYPRESS-CY7C027V-25AC Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-25AC CYPRESS-CY7C027V-25AC Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results

Similar Description - CY7C027V-25AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
   32K/64K x16/18 Synchronous Dual Port Static RAM
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com