Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C057V-12AXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C057V-12AXC
Description  3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C057V-12AXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C057V-12AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
CY7C056V
CY7C057V
Document #: 38-06055 Rev. *F
Page 2 of 27
Contents
Functional Description ..................................................... 3
Pin Configurations ........................................................... 4
Pin Configurations (continued) ....................................... 5
Selection Guide ................................................................ 5
Pin Definitions .................................................................. 6
Maximum Ratings[6] ........................................................ 7
Operating Range ............................................................... 7
Electrical Characteristics
Over the Operating Range[8]........................................... 8
Capacitance[10] ................................................................ 8
AC Test Load and Waveforms ......................................... 9
Switching Characteristics
Over the Operating Range[13] ....................................... 10
Data Retention Mode ...................................................... 11
Timing .............................................................................. 11
Read Cycle No. 1 (Either Port Address Access) ........ 12
Read Cycle No. 2 (Either Port CE/OE Access) ........... 12
Read Cycle No. 3 (Either Port) .......................................... 12
Switching Waveforms .................................................... 12
Write Cycle No. 1: R/W Controlled Timing ................. 13
Write Cycle No. 2: CE Controlled Timing ................... 13
Semaphore Read After Write Timing, Either Side ...... 14
Timing Diagram of Semaphore Contention ................ 14
Timing Diagram of Write with BUSY (M/S = HIGH).... 15
Write Timing with Busy Input (M/S = LOW) ............... 15
Busy Timing Diagram No. 1 (CE Arbitration).............. 16
Busy Timing Diagram No. 2 (Address Arbitration) ..... 16
Architecture .................................................................... 18
Functional Description ................................................... 18
Write Operation ......................................................... 18
Read Operation ......................................................... 18
Interrupts ................................................................... 18
Busy .......................................................................... 18
Master/Slave ............................................................. 18
Semaphore Operation ............................................... 18
Right Port Configuration................................................. 20
Right Port Operation ...................................................... 20
Left Port Operation ......................................................... 20
Bus Match Operation ..................................................... 20
Long-Word (36-bit) Operation ................................... 21
Word (18-bit) Operation ............................................. 21
Byte (9-bit) Operation ................................................ 21
Ordering Information ...................................................... 22
Ordering Code Definition ........................................... 22
Package Diagrams .......................................................... 23
Acronyms ........................................................................ 25
Document Conventions ................................................. 25
Units of Measure ....................................................... 25
Sales, Solutions, and Legal Information ...................... 27
Worldwide Sales and Design Support ....................... 27
Products .................................................................... 27
PSoC Solutions ......................................................... 27


Similar Part No. - CY7C057V-12AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057V-12AXC CYPRESS-CY7C057V-12AXC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C057V-12AXC CYPRESS-CY7C057V-12AXC Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
More results

Similar Description - CY7C057V-12AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_11 Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com