Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C057V-12AXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C057V-12AXC
Description  3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C057V-12AXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C057V-12AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C057V-12AXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
CY7C056V
CY7C057V
Document #: 38-06055 Rev. *F
Page 8 of 27
Notes
8. Deselection for a port occurs if CE0 is HIGH or if CE1 is LOW.
9. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except Output Enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3.
10. Tested initially and after any design or process changes that may affect these parameters.
Electrical Characteristics Over the Operating Range[8]
Parameter
Description
CY7C056V
CY7C057V
Unit
-12
-15
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH voltage
(VDD = Min., IOH = –4.0 mA)
2.4
2.4
–V
VOL
Output LOW voltage
(VDD = Min., IOL = +4.0 mA)
–0.4
0.4
V
VIH
Input HIGH voltage
2.0
2.0
V
VIL
Input LOW voltage
0.8
0.8
V
IOZ
Output leakage current
–10
10
–10
10
A
ICC
Operating current (VDD = Max.,
IOUT = 0 mA) output disabled
Commercial
250
385
240
360
mA
Industrial
265
385
mA
ISB1
Standby current (Both ports TTL level
and deselected)
f = fMAX
Commercial
55
75
50
70
mA
Industrial
–65
95
mA
ISB2
Standby current (One port TTL
level and deselected)
f = fMAX
Commercial
180
240
175
230
mA
Industrial
190
255
mA
ISB3
Standby current (Both ports CMOS
level and deselected) f =0
Commercial
0.01
1
0.01
1
mA
Industrial
0.01
1
mA
ISB4
Standby current (One Port CMOS
level and deselected) f = fMAX
[9]
Commercial
160
210
155
200
mA
Industrial
170
215
mA
Capacitance[10]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz,
VDD = 3.3 V
10
pF
COUT
Output capacitance
10
pF


Similar Part No. - CY7C057V-12AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057V-12AXC CYPRESS-CY7C057V-12AXC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C057V-12AXC CYPRESS-CY7C057V-12AXC Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
More results

Similar Description - CY7C057V-12AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_11 Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com