Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C027V Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C027V
Description  3.3 V 32K/64K x 16/18 Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C027V Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C027V_12 Datasheet HTML 3Page - Cypress Semiconductor CY7C027V_12 Datasheet HTML 4Page - Cypress Semiconductor CY7C027V_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C027V_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C027V_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C027V_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C027V_12 Datasheet HTML 9Page - Cypress Semiconductor CY7C027V_12 Datasheet HTML 10Page - Cypress Semiconductor CY7C027V_12 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CY7C027V/027AV/028V
CY7C037AV/038V
Document #: 38-06078 Rev. *E
Page 7 of 22
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage temperature ................................ –65
C to +150 C
Ambient temperature with
power applied ........................................... –55
C to +125 C
Supply voltage to ground potential ...............–0.5 V to +4.6 V
DC voltage applied to
outputs in High-Z state........................... –0.5 V to VCC+0.5 V
DC input voltage[8]................................. –0.5 V to VCC+0.5 V
Output current into outputs (LOW) .............................. 20 mA
Static discharge voltage.......................................... > 1100 V
Latch-up current .................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
C to +70 C
3.3 V
 300 mV
Industrial[9]
–40
C to +85 C
3.3 V
 300 mV
Electrical Characteristics Over the Operating Range
Parameter
Description
CY7C027V/027AV/028V/CY7C037AV/CY7C038V
Unit
-15
-20
-25
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH voltage
(VCC=Min., IOH= –4.0 mA)
2.4
2.4
2.4
V
VOL
Output LOW voltage (VCC=Min., IOH= +4.0 mA)
0.4
0.4
0.4
V
VIH
Input HIGH voltage
2.2
2.2
2.2
V
VIL
Input LOW voltage
0.8
0.8
0.8
V
IIX
Input leakage current
55
55
55
A
IOZ
Output leakage current
–10
10
–10
10
–10
10
A
ICC
Operating current (VCC=Max. IOUT=0
mA) outputs disabled
Com’l.
125
185
120
175
115
165
mA
Ind.[9]
140
195
mA
ISB1
Standby current (Both ports TTL
level) CEL & CER  VIH, f=fMAX
Com’l.
35
50
35
45
30
40
mA
Ind.[9]
–45
55
mA
ISB2
Standby current (One port TTL level)
CEL | CER  VIH, f=fMAX
Com’l.
80
120
75
110
65
95
mA
Ind.[9]
–85
120
mA
ISB3
Standby current (Both ports CMOS
level) CEL & CER  VCC0.2 V, f=0
Com’l.
10
250
10
250
10
250
A
Ind.[9]
–10
250
A
ISB4
Standby current (One port CMOS
level) CEL | CER  VIH, f=fMAX
[10]
Com’l.
75
105
70
95
60
80
mA
Ind.[9]
–80
105
mA
Capacitance[11]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz,
VCC = 3.3 V
10
pF
COUT
Output capacitance
10
pF
Notes
8. Pulse width < 20 ns.
9. Industrial parts are available in CY7C028V and CY7C038V, CY7C027V/027AV only.
10. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3.
11. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C027V_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V-15AC CYPRESS-CY7C027V-15AC Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AC CYPRESS-CY7C027V-15AC Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results

Similar Description - CY7C027V_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
   32K/64K x16/18 Synchronous Dual Port Static RAM
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com