Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E15 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS28E15
Description  1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E15 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS28E15 Datasheet HTML 1Page - Maxim Integrated Products DS28E15 Datasheet HTML 2Page - Maxim Integrated Products DS28E15 Datasheet HTML 3Page - Maxim Integrated Products DS28E15 Datasheet HTML 4Page - Maxim Integrated Products DS28E15 Datasheet HTML 5Page - Maxim Integrated Products DS28E15 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS28E15
1-Wire SHA-256 Secure Authenticator
with 512-Bit User EEPROM
4
ABRIDGED DATA SHEET
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40NC to +85NC, unless otherwise noted.) (Note 1)
Note 24: EEPROM writes can become nonfunctional after the data-retention time is exceeded. Long-term storage at elevated tem-
peratures is not recommended.
Note 25: Refer to the full data sheet.
Pin Configurations
Pin Descriptions
PIN
NAME
FUNCTION
SFN
TDFN-EP
TSOC
1, 4, 5, 6
3– 6
N.C.
Not Connected
1
2
2
IO
1-Wire Bus Interface. Open-drain signal that requires an external pullup resistor.
2
3
1
GND
Ground Reference
EP
Exposed Pad (TDFN Only). Solder evenly to the board’s ground plane for proper
operation. Refer to Application Note 3273: Exposed Pads: A Brief Introduction for
additional information.
TOP VIEW
N.C.
IO
GND
N.C.
N.C.
N.C.
TSOC
+
5
4
6
2
3
1
DS28E15
BOTTOM VIEW
NOTE: THE SFN PACKAGE IS QUALIFIED FOR ELECTRO-
MECHANICAL CONTACT APPLICATIONS ONLY, NOT FOR
SOLDERING. FOR MORE INFORMATION, REFER TO
APPLICATION NOTE 4132: ATTACHMENT METHODS FOR
THE ELECTRO-MECHANICAL SFN PACKAGE.
16
N.C.
N.C.
25
IO
N.C.
34
GND
N.C.
TDFN-EP
(3mm × 3mm)
TOP VIEW
DS28E15
+
*EP
*EXPOSED PAD
1
2
IO
GND
DS2431GA
SFN
(3.5mm × 6.5mm × 0.75mm)


Similar Part No. - DS28E15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E15 MAXIM-DS28E15 Datasheet
109Kb / 2P
   USB-to-I C Module Contains Prolific PL-2303HXD USB-to-UART Chip
7/23/2014
DS28E15 MAXIM-DS28E15 Datasheet
339Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
219-0018; Rev 3; 3/15
DS28E15 MAXIM-DS28E15 Datasheet
725Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
DS28E15EVKIT MAXIM-DS28E15EVKIT Datasheet
109Kb / 2P
   USB-to-I C Module Contains Prolific PL-2303HXD USB-to-UART Chip
7/23/2014
DS28E15G++ MAXIM-DS28E15G+ Datasheet
339Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
219-0018; Rev 3; 3/15
More results

Similar Description - DS28E15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28EL15 MAXIM-DS28EL15 Datasheet
872Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
Rev 0; 12/12
DS28E15 MAXIM-DS28E15_V01 Datasheet
339Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
219-0018; Rev 3; 3/15
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28E22 MAXIM-DS28E22 Datasheet
799Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Rev 0; 9/12
DS28EL25 MAXIM-DS28EL25 Datasheet
858Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
Rev 0; 12/12
DS28EL25 MAXIM-DS28EL25_V01 Datasheet
735Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
219-0022; Rev 1; 6/21
DS28E22 MAXIM-DS28E22_V01 Datasheet
875Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
DS28E25 MAXIM-DS28E25_V01 Datasheet
725Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com