Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO-214AC Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DO-214AC
Description  3W Silicon Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DO-214AC Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DO-214AC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DO-214AC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd DO-214AC Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(Ω)
(Ω)
(mA)
(
µA)
(V)
(mA)
110
6.8
225
4000
0.25
0.5
83.6
25
120
6.3
300
4500
0.25
0.5
91.2
22
130
5.8
375
5000
0.25
0.5
98.8
21
140
5.3
475
5000
0.25
0.5
106.4
19
150
5.0
550
6000
0.25
0.5
114.0
18
160
4.7
625
6500
0.25
0.5
121.6
17
170
4.4
650
7000
0.25
0.5
130.4
16
180
4.2
700
7000
0.25
0.5
136.8
15
190
4.0
800
8000
0.25
0.5
144.8
14
200
3.7
875
8000
0.25
0.5
152.0
13
Note : ( 1 ) Suffix " 5 " indicates ± 5.0% tolerance, suffix " 10 " indicates ± 10.0% tolerance.
SZ55 Series
3W Silicon Zener Diodes
SZ55B1
SZ55B2
SZ55B3
SZ55B4
SZ55B5
SZ55B6
SZ55B7
SZ55B8
SZ55B9
SZ55D0
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DO-214AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DO-214AC STMICROELECTRONICS-DO-214AC Datasheet
75Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
logo
Shenzhen Luguang Electr...
DO-214AC LUGUANG-DO-214AC Datasheet
178Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
DO-214AC TAYCHIPST-DO-214AC Datasheet
1Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
DO-214AC LUGUANG-DO-214AC Datasheet
567Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
DO-214AC LUGUANG-DO-214AC Datasheet
182Kb / 2P
   1.0 AMPS. High Efficient Surface Mount Rectifiers
More results

Similar Description - DO-214AC

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
3EZ200D5 JINGHENG-3EZ200D5 Datasheet
70Kb / 2P
   3W SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
1SMB5913A LEIDITECH-1SMB5913A Datasheet
478Kb / 2P
   Zener Diodes 3W
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
Diotech Company.
1N5913B DIOTECH-1N5913B Datasheet
1Mb / 4P
   3W SILICON ZENER DIODE
logo
Jinan Gude Electronic D...
3EZ3.9D5 JGD-3EZ3.9D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com