Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF4004 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SUF4004
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SUF4004 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SUF4004 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SUF4004 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
00.4
0.8
1.2
1.6
2.0
2.4
TJ=25
Pulse Width=300
µs
SUF4001-SUF4004
0.02
0.04
0.2
0.4
2.0
4.0
SUF4005-SUF4007
-1.0A
-0.25A
0
+0.5A
1c m
t rr
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(approx)
(-)
(-)
(+)
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
12
4
6 8 10
20
40
60 80 100
50
40
30
20
10
0
8.3ms Single Half Sine-Wave
(JEDED Method)
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
DERATING CURVE
1.0
.8
.6
.4
.2
0
0
25
50
75
100 125 150 175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 100
TJ = 25
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
.01
.04
.1
.4
10
FIG.5 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M
2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
SET TIME BASE FOR 25 ns/cm
22pF.
SUF4001-SUF4007
Surface Mount Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SUF4004

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SUF4004 DIOTEC-SUF4004 Datasheet
162Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
SUF4004 DIOTEC-SUF4004 Datasheet
71Kb / 2P
   Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
SUF4004 SEMIKRON-SUF4004 Datasheet
177Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
SUF4004 SEMIKRON-SUF4004 Datasheet
183Kb / 2P
   Ultrafast silicon rectifier diodes
logo
Gulf Semiconductor
SUF4004 GULFSEMI-SUF4004 Datasheet
74Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results

Similar Description - SUF4004

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com