Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5.0CA Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMBJ5.0CA
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ5.0CA Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMBJ5.0CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ5.0CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ5.0CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ5.0CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBJ5.0(C)A - SMBJ170(C)A
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA = 25
°C) (Note 1)
PPK
600
W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
Superimposed on Rated Load (JEDEC Method) (Notes 1, 2, & 3)
IFSM
100
A
Steady State Power Dissipation @ TL = 75
°C
PM(AV)
5.0
W
Instantaneous Forward Voltage @ IPP = 35A
VBR<100V
(Notes 1, 2, & 3)
VBR
³100V
VF
3.5
5.0
V
V
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Features
·
Case: SMB, Transfer Molded Epoxy
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Also Available in Lead Free Plating (Matte Tin
Finish). Please see Ordering Information,
Note 5, on Page 4
·
Polarity Indicator: Cathode Band
(Note: Bi-directional devices have no polarity
indicator.)
·
Marking: Date Code and Marking Code
See Page 3
·
Weight: 0.1 grams (approx.)
·
Ordering Info: See Page 3
·
600W Peak Pulse Power Dissipation
·
5.0V - 170V Standoff Voltages
·
Glass Passivated Die Construction
·
Uni- and Bi-Directional Versions Available
·
Excellent Clamping Capability
·
Fast Response Time
·
Plastic Material - UL Flammability
Classification Rating 94V-0
Mechanical Data
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.70
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
3. Unidirectional units only.
http://www.luguang.cn Email:lge@luguang.cn


Similar Part No. - SMBJ5.0CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ5.0CA SOCAY-SMBJ5.0CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bytes
SMBJ5.0CA BYTES-SMBJ5.0CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0CA DAESAN-SMBJ5.0CA Datasheet
348Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Zowie Technology Corpor...
SMBJ5.0CA ZOWIE-SMBJ5.0CA Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SMBJ5.0CA SECOS-SMBJ5.0CA Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
More results

Similar Description - SMBJ5.0CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com