Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2931CM1-3.3 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2931CM1-3.3
Description  100mA Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2931CM1-3.3 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2931CM1-3.3 Datasheet HTML 1Page - Sipex Corporation SPX2931CM1-3.3 Datasheet HTML 2Page - Sipex Corporation SPX2931CM1-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2931CM1-3.3 Datasheet HTML 4Page - Sipex Corporation SPX2931CM1-3.3 Datasheet HTML 5Page - Sipex Corporation SPX2931CM1-3.3 Datasheet HTML 6Page - Sipex Corporation SPX2931CM1-3.3 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Date: 05/25/04
SPX2931 100mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
In most applications the SPX2931 is operating
at few milliamps. In these applications the out-
put capacitance can be further reduced. For
example, when the regulator is running at 10mA
output current the output capacitance value is
half compared to the same regulator that is
running at 100 mA. The value decreases with
higher output voltages, since the internal loop
gain is reduced.
The worst case occurs at the lower temperature
and maximum operating currents, the entire
circuit and the electrolytic, should be cooled
down to the minimum temperature. The mini-
mum of 0.6 volts required at the input of regula-
tor above the output to keep the power dissipa-
tion and die heating to its minimum. After the
value for the capacitor has been determined for
actual use, the value should be doubled.
TYPICAL PERFORMANCE CHARACTERISTICS
PACKAGE PINOUTS
Bottom View
TO-92 (N)
SOT-89 (M1)
Top View
1
2
3
V
IN
GND
VOUT
13
2
GND
V
IN
V
OUT


Similar Part No. - SPX2931CM1-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
SPX2931AM1-3.3 SIPEX-SPX2931AM1-3.3 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
SPX2931AM1-3.3/TR SIPEX-SPX2931AM1-3.3/TR Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
SPX2931AM1-3.5 SIPEX-SPX2931AM1-3.5 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
SPX2931AM1-3.5/TR SIPEX-SPX2931AM1-3.5/TR Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2931CM1-3.3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com