Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPA270 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMTPA270
Description  Telecommunication Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMTPA270 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMTPA270 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA270 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA270 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA270 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA270 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA270 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Vout
1/4
140
R1
R2
240
D.U.T
tp=20ms
k
IBO
measurement
VBO
measurement
U
10μF
45Ω
83Ω
66Ω47Ω
0.36nF
46μH
KEY TEK 'SYSTEM 2' GENERATOR WITH PN2461 MODULE
U
60μF
250Ω
47Ω
12Ω
46μH
KEY TEK 'SYSTEM 2' GENERATOR WITH PN2461 MODULE
26μH
TEST PROCEDURE :
Pulse Test duration (tp = 20ms):
- For Bidirectional devices = Sw itch K is closed
- For Unidirectional devices = Sw itch K is open.
V
OUT Selection
- Device w ith V
BO < 200 Volt
- V
OUT = 250 VRMS, R1 = 140 Ω.
- Device w ith V
BO
200 Volt
- V
OUT = 480 VRMS, R2 = 240Ω.
TEST CIRCUIT 1 FOR DYNAMIC IBO AND VBO PARAMETERS:
TEST CIRCUIT 2 FOR IBO AND VBO PARAMETERS:
100V/μs, di/dt<10A/μs, Ipp=50A
1kV/μs, di/dt<10A/μs, Ipp=10A
SMTPA Series
Telecommunication Protection
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMTPA270

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA270 STMICROELECTRONICS-SMTPA270 Datasheet
61Kb / 5P
   TRISILETM
SMTPA270 STMICROELECTRONICS-SMTPA270 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA270 STMICROELECTRONICS-SMTPA270 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Galaxy Semi-Conductor H...
SMTPA270 BILIN-SMTPA270 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Frontier Electronics.
SMTPA270 FRONTIER-SMTPA270 Datasheet
123Kb / 4P
   TELECOM EQUIPMENT PROTECTION竊숿RISILTM
More results

Similar Description - SMTPA270

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com