Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPA240 Datasheet(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMTPA240
Description  Telecommunication Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMTPA240 Datasheet(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMTPA240 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA240 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA240 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA240 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA240 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA240 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SM TPA
xx
SURFACE MOUNT
VOLTAGE
TRISIL
PROTECTION:
TM
Ipp=50A
part number
marking
package
weight
base QTY
delivery mode
SMTPA62
U01
SMTPA68
U05
SMTPA100
U13
SMTPA120
U17
SMTPA130
U19
SMTPA180
U25
SMTPA200
U27
SMTPA220
U31
SMTPA240
U35
SMTPA270
U39
FIG.1 -- NON REPETITIVE SURGE PEAK ON-STATE
FIG.2 -- ON-STATE VOLTAGE VERSUS ON-STATE
CURRENT VERSUS OVERLOAD DURATION
CURRENT (TYPICAL VALUES).
ORDER CODE
SMB
0.11g
5000
tape & reel
ORDERING INFORMATION
0
1E+3
1E-2
1E-1
1E+0
1E+1
1E+2
t(s)
5
10
15
20
25
30
35
40
F=50Hz
ITSM(A)
1
1
VT(V)
23
45
8
7
69
10
2
10
5
50
20
IT(A)
SMTPA Series
Telecommunication Protection
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMTPA240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA240 STMICROELECTRONICS-SMTPA240 Datasheet
61Kb / 5P
   TRISILETM
SMTPA240 STMICROELECTRONICS-SMTPA240 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA240 STMICROELECTRONICS-SMTPA240 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Galaxy Semi-Conductor H...
SMTPA240 BILIN-SMTPA240 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Frontier Electronics.
SMTPA240 FRONTIER-SMTPA240 Datasheet
123Kb / 4P
   TELECOM EQUIPMENT PROTECTION竊숿RISILTM
More results

Similar Description - SMTPA240

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com