Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK315B Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SK315B
Description  3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SK315B Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SK315B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SK315B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SK32B THRU SK315B)
FIG. 1- MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG. 2- MAXIMUM NON-REPETITIVE PEAK FORWARD
CURRENT
SURGE
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
FIG. 5- TYPICAL JUNCTION CAPACITANCE
LEAD TEMP ERATURE.( C)
O
NUMBER OF CYCLES AT 60Hz
FORWARD VOLTAGE.(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
REVERSE VOLTAGE.(V)
t, PULSE DURATION, (sec)
50
60
70
80
90
100
110
120
130
140
150
160
0
1.0
2.0
3.0
1
0
10
100
30
60
90
120
150
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.5
0.01
0.1
1
10
40
0
20
40
60
80
100
120
140
0.001
0.01
0.1
1
10
20
0.1
10
1
10
100
100
1000
0.01
0.1
0.1
1
10
100
RESISTIVE OR
INDUCTIVELOAD
PCB MOUNTED ON 0.4X0.4"
(10X10mm)COPPER PAD AREAS
PULSE WIDTH=300 S
1% DUTY CYCLE
TJ=125
OC
TJ=75
OC
TJ=25 C
O
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
O
1
10
100
AT RATED TL
8.3ms Single Half Sine Wave
JEDEC Method
SK39B-SK315B
SK35B-SK36B
SK32B-SK34B
SK32B-SK34B
SK39B-SK315B
SK35B-SK36B
Tj=25
OC
Tj=125
OC
Tj=125 C
O
SK32B-SK34B
SK35B-SK315B
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
SK32B - SK315B
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SK315B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK315B TSC-SK315B Datasheet
258Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SK315B PACELEADER-SK315B Datasheet
326Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK315B TSC-SK315B Datasheet
135Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SK315B SMC-SK315B Datasheet
164Kb / 6P
   SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
SK315B TSC-SK315B Datasheet
222Kb / 4P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SK315B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32B TSC-SK32B Datasheet
56Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
BR33 LUGUANG-BR33 Datasheet
1Mb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS32 TSC-SS32_1 Datasheet
142Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS32 YANGJIE-SS32 Datasheet
768Kb / 2P
   3.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SK32 LUGUANG-SK32 Datasheet
147Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_1 Datasheet
130Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B_1 Datasheet
258Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SKL32A TSC-SKL32A Datasheet
52Kb / 3P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com