Electronic Components Datasheet Search |
|
SFF1607G Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SFF1607G Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
1 / 2 page Dimensions in inches and (millimeters) ITO-220AB Features High efficiency, low VF High current capability High reliability High surge current capability Low power loss. For use in low voltage, high frequency inventor, free wheeling, and polarity protection application Mechanical Data Cases: ITO-220AB molded plastic Epoxy: UL 94V-0 rate flame retardant Polarity: As marked High temperature soldering guaranteed: 260 oC/10 seconds .0.25”,(6.35mm) from case. Weight: 2.24 grams Mounting torque: 5 in – 1bs. max. Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Symbol SFF 1601G SFF 1602G SFF 1603G SFF 1604G SFF 1605G SFF 1606G SFF 1607G SFF 1608G Units Maximum Recurrent Peak Reverse Voltage VRRM 50 100 150 200 300 400 500 600 V Maximum RMS Voltage VRMS 35 70 105 140 210 280 350 420 V Maximum DC Blocking Voltage VDC 50 100 150 200 300 400 500 600 V Maximum Average Forward Rectified Current @TC = 100 oC I(AV) 16 A Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) IFSM 125 A Maximum Instantaneous Forward Voltage @ 8.0A VF 0.975 1.3 1.7 V Maximum DC Reverse Current @TA=25 oC at Rated DC Blocking Voltage @ TA=100 oC IR 10 400 uA uA Maximum Reverse Recovery Time (Note 1) Trr 35 nS Typical Junction Capacitance (Note 2) Cj 80 60 pF Typical Thermal Resistance (Note 3) RθJC 1.5 oC/W Operating Temperature Range TJ -65 to +150 oC Storage Temperature Range TSTG -65 to +150 oC Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mounted on Heatsink Size of 3” x 5” x 0.25” Al-Plate. SFF1601G-SFF1608G Isolated16.0AMP. Glass Passivated Supper Fast Rectifiers http://www.luguang.cn mail:lge@luguang.cn |
Similar Part No. - SFF1607G |
|
Similar Description - SFF1607G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |