Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2810R-1.5 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX2810R-1.5
Description  1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2810R-1.5 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX2810R-1.5 Datasheet HTML 1Page - Sipex Corporation SPX2810R-1.5 Datasheet HTML 2Page - Sipex Corporation SPX2810R-1.5 Datasheet HTML 3Page - Sipex Corporation SPX2810R-1.5 Datasheet HTML 4Page - Sipex Corporation SPX2810R-1.5 Datasheet HTML 5Page - Sipex Corporation SPX2810R-1.5 Datasheet HTML 6Page - Sipex Corporation SPX2810R-1.5 Datasheet HTML 7Page - Sipex Corporation SPX2810R-1.5 Datasheet HTML 8Page - Sipex Corporation SPX2810R-1.5 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Date: 5/25/04
SPX2810 1A Low Dropout Linear Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 3 PIN SOT-223
See detail
A
C
b2
c
GAUGE
PLANE
SEATING
PLANE
H
A
A1
L
C
0
E
D
1
e
E1
C
C
N
B
B
b2
b
Section C-C
-
-
1.80
0.02
-
0.10
Dimensions in (mm)
3 PIN SOT-223
JEDEC TO-261
(AA) Variation
6.50
6.70
7.00
7.30
A
A1
D
E
E1
e
L
MIN
NOM MAX
c
0.23
0.30
0.35
6.30
6.70
ø
-
10º
A2
1.50
1.60
1.70
0.66
0.76
0.84
b
b2
2.90
3.00
3.10
3.30
3.50
3.70
2.30 BASIC
e1
4.60 BASIC
0.75
-
-
c
WITH PLATING
BASE METAL
b
Section B-B
3 PIN SOT-223


Similar Part No. - SPX2810R-1.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2810R-2.5 SIPEX-SPX2810R-2.5 Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
SPX2810R-2.5/TR SIPEX-SPX2810R-2.5/TR Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
SPX2810R-3.0 SIPEX-SPX2810R-3.0 Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
SPX2810R-3.0/TR SIPEX-SPX2810R-3.0/TR Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
SPX2810R-3.3 SIPEX-SPX2810R-3.3 Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
More results

Similar Description - SPX2810R-1.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com