Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3B Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # S3B
Description  3.0AMPS. Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

S3B Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  S3B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd S3B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (S3A THRU S3M)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
50
5
100
50
10
100
200
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
Tj=Tj max
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
50
10
5
1
10
5
100
50
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.5- TYPICAL FORWARD CHARACTERISTICS
1.4
1.6
0.6
0.7
0.8
0.9
1.0
1.2
0.01
0.03
0.1
0.3
1.0
3.0
10
100
30
FORWARD VOLTAGE. (V)
PULSE WIDTH-300 S
2% DUTY CYCLE
Tj=25 C
0
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
100
110
120
130
140
90
150
0
1.5
3.5
3.0
2.5
2.0
0.5
1.0
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
P. C. BOARD MOUNTED ON 10mm
PAD AREAS
2
165
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
S3A-S3M
3.0AMPS. Surface Mount Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - S3B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3B PANJIT-S3B Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Micro Commercial Compon...
S3B MCC-S3B Datasheet
630Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
logo
Diotech Company.
S3B DIOTECH-S3B Datasheet
716Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Semikron International
S3B SEMIKRON-S3B Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
logo
Shanghai Leiditech Elec...
S3B LEIDITECH-S3B Datasheet
311Kb / 3P
   Surface Mount Standard Rectifiers
More results

Similar Description - S3B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S3A TSC-S3A_11 Datasheet
217Kb / 2P
   3.0AMPS Surface Mount Rectifiers
S3GR6 TSC-S3GR6 Datasheet
211Kb / 2P
   3.0AMPS Surface Mount Rectifiers
S3AB TSC-S3AB_11 Datasheet
190Kb / 2P
   3.0AMPS Surface Mount Rectifiers
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
HS3AB TSC-HS3AB_11 Datasheet
136Kb / 2P
   3.0AMPS High Efficient Surface Mount Rectifiers
SSL32 TSC-SSL32_13 Datasheet
241Kb / 4P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B_11 Datasheet
135Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
HS3A TSC-HS3A_11 Datasheet
201Kb / 2P
   3.0AMPS High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
ES3A LUGUANG-ES3A Datasheet
243Kb / 2P
   3.0AMPS Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_11 Datasheet
131Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com