Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS310B Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SS310B
Description  3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS310B Datasheet(HTML) 1 Page - Frontier Electronics.

  SS310B Datasheet HTML 1Page - Frontier Electronics. SS310B Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS32B THRU SS310B
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32B THRU SS310B
FEATURES
FOR SURFACE MOUNTED APPLICATIONS
LOW PROFILE PACKAGE
BUILT-IN STRAIN RELIEF
EASY PICK AND PLACE
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY CLASSIFICATION 94 V-0
EXTREMELY LOW VF
MAJORITY CARRIER CONDUCTION
HIGH TEMPERATURE SOLDERING: 250°C/10 SECONDS
AT TERMINALS
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO-214AA (SMB), DIMENSIONS
IN MILLIMETERS (MILLIMETERS)
TERMINALS: SOLDER PLATED
POLARITY INDICATED BY CATHODE BAND
WEIGHT 0.093 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL SS32B
SS33B
SS34B
SS35B
SS36B
SS38B
SS310B
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
20
30
40
50
60
80
100
V
MAXIMUM RMS VOLTAGE
VRMS
14
21
28
35
42
56
70
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
20
30
40
50
60
80
100
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
IO
3.0
A
MAXIMUM OVERLOAD SURGE 8.3ms SINGLE HALF SINE-WAVE
IFSM
100
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
300
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjL
17
℃/W
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjA
55
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL SS32B
SS33B
SS34B
SS35B
SS36B
SS38B
SS310B
UNITS
MAXIMUM FORWARD VOLTAGE AT 3.0A AND 25
VF
0.50
0.75
0.85
V
MAXIMUM REVERSE CURRENT AT 25
IR
1.0
mA
MARKING
SS32B
SS33B
SS34B
SS35B
SS36B
SS38B
SS310B
NOTE:
1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V
2. P.C.B. MOUNTED 0.55”x0.55 “(14x14 mm ) 0.013mm THICK COPPER PAD AREAS
3. SMA PACKAGE SUFFIX “ A” , SMB PACKAGE SUFFIX “B”, SMC NO SUFFIX
.060(1.52)
.030(0.76)
.220(5.59)
.205(5.21)
.096(2.44)
.084(2.13)
.180(4.57)
.160(4.06)
.155(3.94)
.130(3.30)
.086(2.20)
.077(1.96)
CATHODE


Similar Part No. - SS310B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS310B BILIN-SS310B Datasheet
140Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SS310B YANGJIE-SS310B Datasheet
219Kb / 2P
   Schottky Rectifier
logo
TAITRON Components Inco...
SS310B TAITRON-SS310B Datasheet
182Kb / 3P
   3.0A Surface Mount Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SS310B BILIN-SS310B Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
Shenzhen Ping Sheng Ele...
SS310B PFS-SS310B Datasheet
155Kb / 2P
   RATING AND CHARACTERTIC CURVES
More results

Similar Description - SS310B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32 FRONTIER-SS32 Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32C CITC-SK32C Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SKL32C CITC-SKL32C Datasheet
103Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SKL34ASG CITC-SKL34ASG Datasheet
463Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK32-LFR FRONTIER-SK32-LFR Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32A-LFR FRONTIER-SS32A-LFR Datasheet
126Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SKL32CG CITC-SKL32CG Datasheet
92Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com