Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2954S-5.0 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX2954S-5.0
Description  250 mA Low Drop Out Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2954S-5.0 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX2954S-5.0 Datasheet HTML 1Page - Sipex Corporation SPX2954S-5.0 Datasheet HTML 2Page - Sipex Corporation SPX2954S-5.0 Datasheet HTML 3Page - Sipex Corporation SPX2954S-5.0 Datasheet HTML 4Page - Sipex Corporation SPX2954S-5.0 Datasheet HTML 5Page - Sipex Corporation SPX2954S-5.0 Datasheet HTML 6Page - Sipex Corporation SPX2954S-5.0 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Rev. 3/6/03
SP2954 250mA Low Dropout Voltage Regulator
© Copyright 2003 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
Shutdown Threshold Voltage
1.8
1.6
1.0
-75
TEMPERATURE (ºC)
1.4
1.2
0.8
0.6
-50
-25
0
25
50
75 100 125 150
Thermal Response
4
2
1
0
TIME (
µs)
0
-2
0
-1
10
20
30
40
50
5
1.25W
~
~
Output Noise
3.5
2.5
2.0
0.0
10 2
10 3
10 4
10 5
FREQUENCY (Hz), C BYP=0.1uF
3.0
1.5
1.0
0.5
C = 3.3
µF
L
Ripple Rejection
80
60
40
10
10 1
10 3
10 4
10 6
FREQUENCY (Hz)
I
L = 50µA
I
L = 100mA
C
L = 1µF
V
IN = 6V
V
OUT = 5V
70
50
30
20
10 2
10 5
Line Regulation
30
25
20
10
5
INPUT VOLTAGE (V)
15
10
5
0
5
0
-5
-10
10
15
20
25
30
~
~
I
L = 100µA
I
L = 1mA
T
J = 150 ºC
T
J = 125 ºC
I
L = 100µA
C
= 0.1
µF
BYP
C
L = 220µF
I
L = 100mA
C
L = 1µF
I
L=50mA


Similar Part No. - SPX2954S-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954S-5.0 SIPEX-SPX2954S-5.0 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2954S-5.0

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com