Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO-213AB Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DO-213AB
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DO-213AB Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DO-213AB Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DO-213AB Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
4.9± 0.2
Plastic package has underwriters laboratories
flammability classification 94V-0
Glass passivated chip junction
For surface mount applications
High temperature metallurgically bonded construction
of 265℃ for 10 seconds in solder bath
Case: JEDEC DO-213AB,molded plastic
Polarity: Color band denotes cathode
Weight: 0.0046 ounces, 0.116 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
RGL
41B
RGL
41D
RGL
41G
RGL
41J
RGL
41K
RGL
41M
UNITS
Maximum recurrent peak reverse voltage
100
200
400
600
800
1000
V
Maximum RMS voltage
70
140
280
420
560
700
V
Maximum DC blocking voltage
100
200
400
600
800
1000
V
Maximum average forward rectified current
TT=55℃
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage @1.0A
V
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=125℃
Maximum reverse recovery time (Note 1)
250
ns
Typical junction capacitance (Note 2)
pF
Typical thermal resistance (Note 3)
℃/W
Operating junction temperature range
Storage temperature range
NOTE: 1. Measured with IF=0.5A,IR=1.0A,Irr=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to ambient, 0.24×0.24"(6.0×6.0mm) copper pads to each terminal.
1.3
trr
150
500
VDC
A
µA
I(AV)
1.0
IFSM
30
A
VF
IR
5.0
50
VRRM
VRMS
RGL
41A
50
50
35
Cj
Tj
TSTG
RθJA
- 55 ---- +175
- 55 ---- +175
15
75
High temperature soldering guaranteed:450 ℃/5 seconds
DO - 213AB
VOLTAGE RANGE
: 50 --- 1000 V
CURRENT: 1.0 A
at terminals.Complete device sub-mersible temperature
Cavity-free glass passivated junction
Dimensions in millimeters
RGL41A-RGL41M
Surface Mount Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DO-213AB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DO-213AB LUGUANG-DO-213AB Datasheet
203Kb / 2P
   Fast Soft-Recovery Controlled Avalanche Rectifiers
logo
Continental Device Indi...
DO-213AB CDIL-DO-213AB Datasheet
159Kb / 4P
   DO-213AB MELF SMD Plastic Package
logo
Shenzhen Luguang Electr...
DO-213AB LUGUANG-DO-213AB Datasheet
300Kb / 2P
   Surface Mount Rectifiers
logo
Galaxy Semi-Conductor H...
DO-213AB BILIN-DO-213AB Datasheet
23Kb / 1P
   Package Dimensions
logo
Shenzhen Luguang Electr...
DO-213AB LUGUANG-DO-213AB Datasheet
372Kb / 2P
   Surface Mount Rectifiers
More results

Similar Description - DO-213AB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com