Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO-213AA Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DO-213AA
Description  Surface Mount Recti
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DO-213AA Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DO-213AA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DO-213AA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLDERABLE ENDS
D2
D2=D1
0
0.20
0.5± 0.1
0.5± 0.1
3.5± 0.2
Plastic package has underwriters laboratories
flammability classification 94V-0
Glass passivated chip junction
For surface mount applications
High temperature metallurgically bonded construction
of 265℃ for 10 seconds in solder bath
Case: JEDEC DO-213AA,molded plastic
Polarity: Color band denotes cathode
Weight: 0.0014 ounces, 0.036 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
RGL
34B
RGL
34D
RGL
34G
RGL
34J
RGL
34K
RGL
34M
UNITS
Maximum recurrent peak reverse voltage
100
200
400
600
800
1000
V
Maximum RMS voltage
70
140
280
420
560
700
V
Maximum DC blocking voltage
100
200
400
600
800
1000
V
Maximum average forward rectified current
TT=55℃
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage @0.5A
V
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=125℃
Maximum reverse recovery time (Note 1)
250
ns
Typical junction capacitance (Note 2)
pF
Typical thermal resistance (Note 3)
℃/W
Operating junction temperature range
Storage temperature range
NOTE: 1. Measured with IF=0.5A,IR=1.0A,Irr=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to ambient, 0.24×0.24"(6.0×6.0mm) copper pads to each terminal.
1.3
trr
150
500
VDC
A
µA
I(AV)
0.5
IFSM
10
A
VF
IR
5.0
50
VRRM
VRMS
RGL
34A
50
50
35
Cj
Tj
TSTG
RθJA
- 55 ---- +175
- 55 ---- +175
4.0
150
High temperature soldering guaranteed:450 ℃/5 seconds
DO - 213AA
VOLTAGE RANGE
: 50 --- 1000 V
CURRENT: 0.5 A
at terminals.Complete device sub-mersible temperature
Cavity-free glass passivated junction
Dimensions in millimeters
RGL34A-RGL34M
Surface Mount Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DO-213AA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DO-213AA LUGUANG-DO-213AA Datasheet
199Kb / 2P
   Fast Soft-Recovery Controlled Avalanche Rectifiers
DO-213AA LUGUANG-DO-213AA Datasheet
183Kb / 2P
   Surface Mount Rectifiers
DO-213AA LUGUANG-DO-213AA Datasheet
228Kb / 2P
   Surface Mount Rectifiers
DO-213AA LUGUANG-DO-213AA Datasheet
191Kb / 2P
   Surface Mount Rectifiers
DO-213AA LUGUANG-DO-213AA Datasheet
212Kb / 2P
   Surface Mount Rectifiers
More results

Similar Description - DO-213AA

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR5807CT-5 SSDI-SDR5807CT-5 Datasheet
319Kb / 2P
   HYPER FAST CENTERTAP RECTI
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com