Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO-15 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DO-15
Description  Avalanche Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DO-15 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DO-15 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DO-15 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRM : 115 Volts
IZSM : 1.0 Amp. ( 100 µµs )
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Case : DO-15 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.39 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
VALUE
UNIT
Maximum Peak Reverse Voltage
VRM
115
V
Maximum DC Blocking Reverse Voltage
VDC
115
V
Minimum Avalanche Breakdown Voltage at IZ = 1mA
VBR(min)
120
V
Maximum Avalanche Breakdown Voltage at IZ = 1mA
VBR(max)
145
V
Maximum Allowable Avalanche Current (Note 1)
IZSM
1.0
A
Maximum Reverse Current at VRM
Ta = 25
°C
IR
10
µA
Maximum Reverse Current at VRM
Ta = 100
°C
IR(H)
50
µA
Typical Avalanche Voltage Temperature Coefficient at Iz = 1mA
+0.15
V/
°C
Junction Temperature Range
TJ
- 40 to + 130
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
(1) 100
µs Square pulse, One shot.
RATING
* Pb / RoHS Free
R2G
Avalanche Diodes
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn
DO - 15
Dimensions in millimeters


Similar Part No. - DO-15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DO-15 LUGUANG-DO-15 Datasheet
266Kb / 2P
   Avalanche Diodes
logo
Shenzhen Taychipst Elec...
DO-15 TAYCHIPST-DO-15 Datasheet
978Kb / 2P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Luguang Electr...
DO-15 LUGUANG-DO-15 Datasheet
289Kb / 2P
   Avalanche Diodes
logo
Continental Device Indi...
DO-15 CDIL-DO-15 Datasheet
254Kb / 5P
   DO-15 Axial Plastic Package
logo
Shenzhen Luguang Electr...
DO-15 LUGUANG-DO-15 Datasheet
93Kb / 2P
   Avalanche Diodes
More results

Similar Description - DO-15

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PP6KE6.8 LITTELFUSE-PP6KE6.8 Datasheet
406Kb / 5P
   Silicon Avalanche Diodes - Silicon Avalanche Diodes
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
   Avalanche Diodes
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KY LUGUANG-R2KY Datasheet
323Kb / 2P
   Avalanche Diodes
R2KS LUGUANG-R2KS Datasheet
93Kb / 2P
   Avalanche Diodes
R2KY LUGUANG-R2KY Datasheet
323Kb / 2P
   Avalanche Diodes
R2KS LUGUANG-R2KS Datasheet
93Kb / 2P
   Avalanche Diodes
logo
Sanken electric
RM25 SANKEN-RM25 Datasheet
12Kb / 1P
   Avalanche Diodes
logo
List of Unclassifed Man...
RY23 ETC-RY23 Datasheet
12Kb / 1P
   Avalanche Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com