Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF10-07 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SRF10-07
Description  10A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SRF10-07 Datasheet(HTML) 1 Page - Frontier Electronics.

  SRF10-07 Datasheet HTML 1Page - Frontier Electronics. SRF10-07 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRF10-03 THRU SRF10-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
10A SCHOTTKY BARRIER RECTIFIERS
SRF10-03 THRU SRF10-10
CASE : ITO-220AC( SRF10-XX ) , FULLY INSULATED PACKAGE
FEATURES
MECHANICAL DATA
EXTREMELY LOW VF
CASE: TRANSFER MOLDED
LOW STORED CHARGE, MAJORITY CARRIER CONDUCTION
LEADS: SOLDERABLE PER MIL-STD-202,METHOD 208
LOW POWER LOSS / HIGH EFFICIENCY
POLARITY: AS MARKED
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
WEIGHT: 1.81 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SRF10
-03
SRF10
-035
SRF10
-04
SRF10
-045
SRF10
-05
SRF10
-06
SRF10
-07
SRF10
-08
SRF10
-09
SRF10
-10
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
30
35
40
45
50
60
70
80
90
100
V
MAXIMUM RMS VOLTAGE
VRMS
21
24
28
31
35
42
49
56
63
70
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
30
35
40
45
50
60
70
80
90
100
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
PER LEG
IO
10.0
5.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD PER LEG
IFSM
125
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
°C
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SRF10
-03
SRF10
-035
SRF10
-04
SRF10
-045
SRF10
-05
SRF10
-06
SRF10
-07
SRF10
-08
SRF10
-09
SRF10
-10
UNITS
MAXIMUM FORWARD VOLTAGE AT Io PER LEG
VF
0.55
0.70
0.85
V
MAXIMUM REVERSE CURRENT AT 25
°C PER LEG (NOTE 1)
IR
5.0
mA
MAXIMUM REVERSE CURRENT AT 100
°C PER LEG (NOTE 1)
IR
50.0
mA
THERMAL CHARACTERISTICS (T C =25
℃UNLESS OTHERWISE NOTED )
PARAMETER
SYMBOL
SRF10
UNITS
TYPICAL THERMAL RESISTANCE JUNCTION TO CASE PER LEG
Rθjc
4.0
℃/W
NOTES: 1. PULSE TEST: 300µS PULSE WIDTH, 1% DUTY CYCLE
MILLIMETERS
MIN
MAX
B
C
D
E
F
G
H
I
J
K
L
M
O
9.72
6.30
14.50
13.00
-
4.95
-
-
-
-
2.5
-
10.27
6.90
15.50
13.80
4.1
5.20
1.52
0.9
4.8
3.1
2.9
0.8
Ø 3.4
PIN 1
PIN 2
CASE
J
M
K
L
C
F
H
B
D
G
E
1
2
O
I


Similar Part No. - SRF10-07

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SRF10-07-LFR FRONTIER-SRF10-07-LFR Datasheet
125Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIERS
SRF10-07CT FRONTIER-SRF10-07CT Datasheet
126Kb / 2P
   10A DUAL SCHOTTKY BARRIER RECTIFIERS
SRF10-07CT-LFR FRONTIER-SRF10-07CT-LFR Datasheet
126Kb / 2P
   10A DUAL SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SRF10-07

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
F10S45-THRU-F10S50 FRONTIER-F10S45-THRU-F10S50 Datasheet
499Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR10100CT MORESEMI-MBR10100CT Datasheet
590Kb / 2P
   10A Schottky Barrier Rectifiers
MBR10200CT MORESEMI-MBR10200CT Datasheet
692Kb / 2P
   10A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM10150D1 SECOS-SM10150D1 Datasheet
105Kb / 2P
   10A Schottky Barrier Rectifiers
SM10100DS1 SECOS-SM10100DS1_15 Datasheet
205Kb / 2P
   10A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SRF10-03-LFR FRONTIER-SRF10-03-LFR Datasheet
125Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10150D SECOS-SM10150D_15 Datasheet
489Kb / 2P
   10A Schottky Barrier Rectifiers
SM10200D SECOS-SM10200D_15 Datasheet
249Kb / 2P
   10A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR10200FCT MORESEMI-MBR10200FCT Datasheet
706Kb / 2P
   10A Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR10100FAT PANJIT-MBR10100FAT Datasheet
198Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com