Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2954AU3-3.3 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX2954AU3-3.3
Description  250 mA Low Drop Out Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2954AU3-3.3 Datasheet(HTML) 10 Page - Sipex Corporation

  SPX2954AU3-3.3 Datasheet HTML 1Page - Sipex Corporation SPX2954AU3-3.3 Datasheet HTML 2Page - Sipex Corporation SPX2954AU3-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2954AU3-3.3 Datasheet HTML 4Page - Sipex Corporation SPX2954AU3-3.3 Datasheet HTML 5Page - Sipex Corporation SPX2954AU3-3.3 Datasheet HTML 6Page - Sipex Corporation SPX2954AU3-3.3 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 7 page
background image
Rev. 3/6/03
SP2954 250mA Low Dropout Voltage Regulator
© Copyright 2003 Sipex Corporation
10
APPLICATIONS HINTS
100kΩ
SENSE
SD
V OUT
GND
+V IN
3
8
1
1µF
+
4
400kΩ
120kΩ
1.5kΩ
6V
SEALED
LEAD-
ACID
BATTERY
SOURCE
FB
FOR 5.5 V
+
1N457
2
20kΩ
NI-CAD
BACKUP
BATTERY
MEMORY V+
MAIN V+
SPX385
SPX2954
Figure 4. Low Battery Disconnect
Figure 5. Regulator with State of Charge Indicator
GND
4
3
5
8
2
1
7
6
S D
TAP
FB
+VIN
SENS E
VOUT
ERROR
______
RESET
100kΩ
1kΩ
100kΩ
10kΩ
20kΩ
1kΩ
39kΩ
39kΩ
C3
C1
C2
C4
1%
1%
1%
1%
6V
LEAD-
ACID
BATTERY
R3
<6.2V**
<5.8V**
<6.0V**
-
+
+
+
+
-
-
-
+V
O UT = 5V
1uF
+
* OPTIONAL LATCH OFF WHEN DRO POUT OCCURS. ADJUST R3 FOR C2 SWITCHING WHEN
V
IN IS 6.0V
* OUTPUTS GO LOW WHEN V
IN DRO PS BELOW DESGNATED THRESHHOLDS
SPX2954
100k
100kΩ


Similar Part No. - SPX2954AU3-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954AU-3-3 SIPEX-SPX2954AU-3-3 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AU-3.3 SIPEX-SPX2954AU-3.3 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AU-5-0 SIPEX-SPX2954AU-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AU-5.0 SIPEX-SPX2954AU-5.0 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2954AU3-3.3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com