Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF5-03 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SRF5-03
Description  5A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SRF5-03 Datasheet(HTML) 2 Page - Frontier Electronics.

  SRF5-03 Datasheet HTML 1Page - Frontier Electronics. SRF5-03 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SRF5-02 THRU SRF5-1
Page: 2
RATINGS AND CHARACTERISTIC CURVES OF SRF5-02 AND SRF5-10
FIG. 3 - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED VOLTAGE PEAK
REVERSE VOLTAGE
TJ=100
TJ=75
TJ=25
FIG. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
50
10
. 1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25
PULSE WIDTH=300us
2% DUTY CYCLE
SRF5-02~SRF5-045
SRF5-05~SRF5-06
SRF5-07~SRF5-10
FIG. 1 - FORWARD CURRENT DERATING CURVE
12.5
10
7.5
5
2.5
0
0
50
100
150
CASE TEMPERATURE,
FIG. 2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
150
125
100
75
50
25
0
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
TL=75
oC
8.3ms SINGLE HALF SINE-WAVE
JEDEC METHOD


Similar Part No. - SRF5-03

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SRF5-03-LFR FRONTIER-SRF5-03-LFR Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
SRF5-03CT FRONTIER-SRF5-03CT Datasheet
126Kb / 2P
   5A DUAL SCHOTTKY BARRIER RECTIFIERS
SRF5-03CT-LFR FRONTIER-SRF5-03CT-LFR Datasheet
126Kb / 2P
   5A DUAL SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SRF5-03

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SR502-LFR FRONTIER-SR502-LFR Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
SRF5-02-LFR FRONTIER-SRF5-02-LFR Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
TSR520 TAITRON-TSR520 Datasheet
152Kb / 4P
   5A Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
SB520 SSC-SB520 Datasheet
338Kb / 2P
   5A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SR502 FRONTIER-SR502 Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
SRF5-02CT FRONTIER-SRF5-02CT Datasheet
126Kb / 2P
   5A DUAL SCHOTTKY BARRIER RECTIFIERS
SRF5-02CT-LFR FRONTIER-SRF5-02CT-LFR Datasheet
126Kb / 2P
   5A DUAL SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK5200BL SECOS-SK5200BL Datasheet
152Kb / 2P
   5A, 200V Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SK52B CITC-SK52B Datasheet
460Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
   5A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com