Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR308 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SR308
Description  3A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SR308 Datasheet(HTML) 2 Page - Frontier Electronics.

  SR308 Datasheet HTML 1Page - Frontier Electronics. SR308 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SR302 THRU SR310
Page: 2
RATING AND CHARACTERISTIC CURVES SR302 THRU SR310
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
80
70
60
50
40
30
20
10
0
1
10
100
NUMBER OF CYCLES AT 60HZ
TJ=TJ MAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
FIG. 3 - TYPICAL REVERSE
CHARACTERISTICS
10
1.0
0.1
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
TJ=100
TJ=75
TJ=25
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
100
10
1.0
0.1
0
.2
.4
.6
.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE
VOLTS
TJ=25
PULSE WIDTH=300us
2% DUTY CYCLE
SR305~SR306
SR302~SR304
SR307~SR310
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
1000
600
400
200
100
60
40
20
10
0.1
0.4
1.0
4
10
40
REVERSE VOLTAGE, VOLTS
TJ=25
SR305~SR310
SR302~SR304
FIG. 1 - FORWARD CURRENT DERATING CURVE
4.0
3.0
2.0
1.0
0
0
10
50
100
120
150
CASE TEMPERATURE,
RESISTIVE OR INDUCTIVE LOAD
0.375” (9.5mm) LEAD LENGTH
SR302~SR304
SR305~SR310


Similar Part No. - SR308

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR308 MOSPEC-SR308 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Micro Commercial Compon...
SR308 MCC-SR308 Datasheet
405Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
Jinan Gude Electronic D...
SR308 JGD-SR308 Datasheet
143Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SR308 MCC-SR308 Datasheet
79Kb / 2P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
DAESAN ELECTRONIC CORP.
SR308 DAESAN-SR308 Datasheet
306Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
More results

Similar Description - SR308

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N5820 FRONTIER-1N5820 Datasheet
120Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR302-LFR FRONTIER-SR302-LFR Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR3150 FRONTIER-SR3150 Datasheet
371Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SL32 FRONTIER-SL32 Datasheet
450Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
1N5820-LFR FRONTIER-1N5820-LFR Datasheet
120Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
1N5820 TAITRON-1N5820 Datasheet
179Kb / 4P
   3A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SR340 FRONTIER-SR340 Datasheet
381Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM345FL SECOS-SM345FL Datasheet
217Kb / 2P
   3A, 45V Schottky Barrier Rectifiers
SK340LFL SECOS-SK340LFL Datasheet
297Kb / 2P
   40V, 3A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com