Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR3045PT Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part No. MBR3045PT
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR3045PT Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR3045PT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR3045PT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
15.8± 0.2
8.0± 0.2
PIN
2.2± 0.15
3.0± 0.1
5.4± 0.15
1.2± 0.15
0.6± 0.1
5.0± 0.15
2.0± 0.15
2.4± 0.2
φ3.6± 0.15
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard total device
m rectified current @T
C = 105°C
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load
IFSM
A
Maximum forward
(IF=15A,TC=25
)
(IF=15A,TC=125
)
voltage
(IF=30A,TC=25
)
(Note 1)
(I F=30A,TC=125 )
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=125
Maximum thermal resistance (Note2)
R θJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance from junction to case.
m A
30
35
40
45
50
60
80
100
30
200
21
25
28
32
35
42
56
70
30
35
40
45
50
60
80
100
VOLTAGE RANGE: 30 - 100 V
CURRENT: 30 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC TO-3P,m olded plastic body
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
- 55 ---- + 150
- 55 ---- + 150
Term inals:Solderable per MIL-STD-750,
1
1
Method 2026
IR
VF
1.0
0.2
6.8
4.4
TO-3P(TO-247AD)
MBR
MBR
MBR
MBR
MBR
MBR
MBR
MBR
30
30PT 3035PT 3040PT 3045PT 3050PT 3060PT 3080PT 30100PT
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequency inverters, free
111 wheeling, and polarity protection applications.
Polarity: As m arked
Weight: 0.223 ounce, 6.3 grams
60
40
V
0.57
0.70
0.65
-
0.80
0.85
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
Dimensions in millimeters
0.84
0.95
0.95
0.72
0.85
0.75
MBR3030PT-MBR30100PT
Schottky Barrier Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn