Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR202 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SR202
Description  2A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SR202 Datasheet(HTML) 1 Page - Frontier Electronics.

  SR202 Datasheet HTML 1Page - Frontier Electronics. SR202 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR202 THRU SR210
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
2A SCHOTTKY BARRIER RECTIFIERS
SR202 THRU SR210
FEATURES
EXTREMELY LOW VF
LOW STORED CHARGE, MAJORITY CARRIER CONDUCTION
LOW POWER LOSS / HIGH EFFICIENCY
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
MECHANICAL DATA
CASE: TRANSFER MOLDED, DO-41, DIMENSIONS IN INCHES
AND (MILLIMETERS
LEADS: SOLDERABLE PER MIL-STD-202,METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 0.34 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL SR202 SR203 SR204 SR205 SR206 SR207 SR208 SR209 SR210 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
20
30
40
50
60
70
80
90
100
V
MAXIMUM RMS VOLTAGE
VRMS
14
21
28
35
42
49
56
63
70
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
20
30
40
50
60
70
80
90
100
v
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
.375”(9.5mm) LEAD LENGTH (SEE FIG.1)
IO
2.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
50
A
TYPICAL JUNCTION CAPACITANCE (NOTE1)
CJ
90
110
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
40
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL SR202 SR203 SR204 SR205 SR206 SR207 SR208 SR209 SR210 UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
0.45
0.60
0.65
0.70
0.85
V
MAXIMUM REVERSE CURRENT AT 25
IR
2.0
mA
MAXIMUM REVERSE CURRENT AT 100
IR
20.0
mA
NOTES:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.034(0.9)
.028(0.7)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)


Similar Part No. - SR202

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR202 MOSPEC-SR202 Datasheet
222Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Taiwan Semiconductor Co...
SR202 TSC-SR202 Datasheet
258Kb / 4P
   2.0AMPS. Schottky Barrier Rectifiers High reliability
logo
Jinan Gude Electronic D...
SR202 JGD-SR202 Datasheet
121Kb / 2P
   2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SR202 MCC-SR202 Datasheet
211Kb / 3P
   2 Amp Schottky Barrier Rectifier 20 - 60 Volts
logo
Diodes Incorporated
SR202 DIODES-SR202 Datasheet
49Kb / 2P
   2.0 AMPERE SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR202

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SB2150 FRONTIER-SB2150 Datasheet
423Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
SR202-LFR FRONTIER-SR202-LFR Datasheet
127Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
SR240 FRONTIER-SR240 Datasheet
432Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCS220P-C SECOS-SCS220P-C Datasheet
97Kb / 2P
   2A Schottky Barrier Rectifiers
SK240LFL SECOS-SK240LFL Datasheet
295Kb / 2P
   40V, 2A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SS22 FRONTIER-SS22 Datasheet
182Kb / 2P
   2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B220LWG-ST CITC-B220LWG-ST Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B240LWG-S CITC-B240LWG-S Datasheet
90Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com