Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX5205 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX5205
Description  150 mA, Low-Noise LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX5205 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX5205 Datasheet HTML 1Page - Sipex Corporation SPX5205 Datasheet HTML 2Page - Sipex Corporation SPX5205 Datasheet HTML 3Page - Sipex Corporation SPX5205 Datasheet HTML 4Page - Sipex Corporation SPX5205 Datasheet HTML 5Page - Sipex Corporation SPX5205 Datasheet HTML 6Page - Sipex Corporation SPX5205 Datasheet HTML 7Page - Sipex Corporation SPX5205 Datasheet HTML 8Page - Sipex Corporation SPX5205 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 10/24/00
SPX5205
150 mA, Low-Noise LDO Voltage Regulator
(Preliminary Information)
FEATURES
APPLICATIONS
Low Noise Output LDO
PDA
1% Initial Accuracy At 150mA
Battery Powered Systems
Very Low Quiescent Current
Cellular Phone
Low Dropout Voltage (210mV At 150mA)
Cordless Telephones
Current & Thermal Limiting
Radio Control Systems
Reverse-Battery Protection
Portable/Palm Top/Notebook Computers
Wide Range of Fix Output Voltages
Portable Consumer Equipment
1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.0V, 4.5V, & 5.0V
Portable Instrumentation
Zero Off-Mode Current
Bar Code Scanners
Small 5-Pin SOT-23
Pin Compatible to MIC5205/MAX8877 (Fixed Option Only)
SMPS Post-Regulator
PRODUCT DESCRIPTION
The SPX5205 is an excellent choice for use in battery-powered applications, and where power conservation is desired. Such as:
cellular/ cordless telephones, radio control systems, and portable computers.
This device is a positive voltage regulator with very low dropout voltage and low output noise. It uses very little quiescent current of
750
µA at 100 mA output load. VOUT tolerance is less than 1% with a compensated temperature coefficient. Many fixed output
voltages, as listed below, or an adjustable version are available in a small 5-pin SOT-23 package.
Other key features include: Zero off-mode current, protection against reversed battery, thermal and current limiting.
MARKING INFORMATION
Voltage
Marking
Voltage
Marking
1.8
R1XX
4.0
R7XX
2.5
R2XX
4.5
R8XX
2.8
R3XX
3.0
R5XX
5.0
RBXX
3.3
R6XX
ADJ
RCXX
PIN CONNECTIONS
3
2
1
Fixed Output Voltage
SPX5205
54
3
2
1
Top View
SPX5205
54
BYP
V
OUT
ADJ/BYP
V
OUT
EN
EN
GND
GND
V
IN
V
IN
Top View
Adjustable Output Voltage
SPX5205


Similar Part No. - SPX5205

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Sipex Corporation
SPX5205M5 SIPEX-SPX5205M5 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
SPX5205M5-12 SIPEX-SPX5205M5-12 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
SPX5205M5-12/TR SIPEX-SPX5205M5-12/TR Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX5205

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
ON Semiconductor
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
Nisshinbo Micro Devices...
R1114N NISSHINBO-R1114N Datasheet
467Kb / 26P
   Low Noise 150 mA LDO Regulator for Automotive Applications
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com