Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPA100 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SMTPA100
Description  TELECOM EQUIPMENT PROTECTION竊숿RISILTM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SMTPA100 Datasheet(HTML) 2 Page - Frontier Electronics.

  SMTPA100 Datasheet HTML 1Page - Frontier Electronics. SMTPA100 Datasheet HTML 2Page - Frontier Electronics. SMTPA100 Datasheet HTML 3Page - Frontier Electronics. SMTPA100 Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMTPA62 THRU SMTPA270
Page: 2
THERMAL RESISTANCES
SYMBOL
PARAMETER
VALUE
UNIT
Rth
(j-a)
JUNCTION TO WITH RECOMMENDED FOOTPRINT
100
℃/W
Rth
(j-1)
JUNCTION TO LEADS
20
℃/W
ELECTRICAL CHARACTERISTICS
(Tamb = 25℃)
SYMBOL
PARAMETER
VRM
STAND-OFF VOLTAGE
IRM
LEAKAGE CURRENT AT VRM
VR
CONTINUOUS REVERSE VOLTAGE
VBR
BREAKDOWN VOLTAGE
VBO
BREAK OVER VOLTAGE
IH
HOLDING CURRENT
IBO
BREAK OVER CURRENT
IPP
PEAK PULSE CURRENT
C
CAPACITANCE
ABSOLUTE RATING
(Tamb = 25℃)
SYMBOL
PARAMETER
VALUE UNIT
IPP
REPETITIVE PEAK PULSE CURRENT
10/1000
μ s
8/20
μ s
10/560
μ s
5/310
μ s
10/160
μ s
1/20
μ s
2/10
μ s
50
100
55
65
75
100
150
A
IFS
FAIL SAFE MODE: MAXIMUM CURRENT
8/2
μ s
2.5
KA
ITSM
NON REPETITIVE SURGE PEAK ON-STATE
CURRENT
(SINUSOIDAL)
T = 20ms
T = 16.6ms
T = 0.2s
T = 2s
30
32
17
9
A
I
2t
I
2t VALUE FOR FUSING
T = 16.6ms
T = 20ms
8.5
9
A2S
TL
MAXIMUM LEAD TEMPERATURE FOR SOLDERING DURING 10S.
260
Tstg
Tj
STORAGE TEMPERATURE RANGE
MAXIMUM JUNCTION TEMPERATURE
-55 to + 150
150
REPETITIVE PEAK PULSE CURRENT
TR
:RISE TIME(μ s
TP
:PULSE DURATION TIME(μ s
EX.
:PULSE WAVEFORM 10/1000μ s
TR = 10
μ s TP = 1000μ s
t
tr
tp
100
50
0
﹪ Ipp
VRM
VR VBR VBO
IRM
IH
IBO
IPP


Similar Part No. - SMTPA100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA100 STMICROELECTRONICS-SMTPA100 Datasheet
61Kb / 5P
   TRISILETM
SMTPA100 STMICROELECTRONICS-SMTPA100 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA100 STMICROELECTRONICS-SMTPA100 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Galaxy Semi-Conductor H...
SMTPA100 BILIN-SMTPA100 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Luguang Electr...
SMTPA100 LUGUANG-SMTPA100 Datasheet
529Kb / 6P
   Telecommunication Protection
More results

Similar Description - SMTPA100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
   TELECOM EQUIPMENT PROTECTION TRISIL
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL
November 2002 - Ed: 4B
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
logo
EPCOS
B59012B1080A151 EPCOS-B59012B1080A151 Datasheet
276Kb / 4P
   Overcurrent protection in telecom equipment
logo
STMicroelectronics
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com