Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM106-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SM106-LFR
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SM106-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  SM106-LFR Datasheet HTML 1Page - Frontier Electronics. SM106-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5817-LFR THRU SM1010-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVE SM5817-LFR THRU SM1010-LFR
FIG. 3A - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=125
TJ=75
TJ=25
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=150℃
TJ=75℃
TJ=25℃
TJ=125℃
FIG. 3B - TYPICAL REVERSE
CHARACTERISTICS
FIG. 1 - FORWARD CURRENT
DERATING CURVE
1.0
0.70
0.50
0.25
0
0
20
40
60
80
100
120
140
SINGLE PHASE
HALF WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE,
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1
.3
.5
.7
.9
1.1
1.3 1.5
1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25℃
PULSE WIDTH=300us 1% DUTY CYCLE
SM107-LF~
SM1010-LF
SM105-LF~
SM106-LF
SM5817-LF
SM5818-LF
SM5819-LF
SM5817-LF~5819-LF
SM105-LF~1010-LF


Similar Part No. - SM106-LFR

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SM106 DAESAN-SM106 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
logo
Frontier Electronics.
SM106 FRONTIER-SM106 Datasheet
126Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SM106.SA ETC2-SM106.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
SeCoS Halbleitertechnol...
SM1060C SECOS-SM1060C Datasheet
160Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM1060C SECOS-SM1060C Datasheet
248Kb / 2P
   Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SM106-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com