Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2920M3-3.3 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX2920M3-3.3
Description  400mA Low Drop Out Voltage Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2920M3-3.3 Datasheet(HTML) 10 Page - Sipex Corporation

  SPX2920M3-3.3 Datasheet HTML 1Page - Sipex Corporation SPX2920M3-3.3 Datasheet HTML 2Page - Sipex Corporation SPX2920M3-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2920M3-3.3 Datasheet HTML 4Page - Sipex Corporation SPX2920M3-3.3 Datasheet HTML 5Page - Sipex Corporation SPX2920M3-3.3 Datasheet HTML 6Page - Sipex Corporation SPX2920M3-3.3 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 7 page
background image
10
Rev:A Date: 03/30/04
SPX2920 400mA Low Drop Out Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
Corporation
SIGNALPROCESSINGEXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Ordering No.
Accuracy
Output Voltage
Packages
SPX2920M3-3.3
1%
3.3V
3-Pin SOT-223
SPX2920M3-5.0
1%
5.0V
3-Pin SOT-223
SPX2920S-3.3
1%
3.3V
8-Pin NSOIC
SPX2920S-5.0
1%
5.0V
8-Pin NSOIC
SPX2920T-3.3
1%
3.3V
3-Pin TO-263
SPX2920T-5.0
1%
5.0V
3-Pin TO-263
SPX2920U-3.3
1%
3.3V
3-Pin TO-220
SPX2920U-5.0
1%
5.0V
3-Pin TO-220
ORDERING INFORMATION


Similar Part No. - SPX2920M3-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920M3-3.3 SIPEX-SPX2920M3-3.3 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
More results

Similar Description - SPX2920M3-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
   350mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
logo
Unisonic Technologies
UCV676 UTC-UCV676_18 Datasheet
301Kb / 10P
   400mA LOW-DROP VOLTAGE REGULATOR
UCV676 UTC-UCV676 Datasheet
288Kb / 9P
   400mA LOW-DROP VOLTAGE REGULATOR
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com