Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR835 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR835
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR835 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR835 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR835 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
10.2± 0.2
PIN
0.9± 0.1
5.0± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
φ 3.8± 0.15
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard total device11111111
m rectified current @T
C = 125°C
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load
IFSM
A
Maximum forw ard
(I
voltage
(I F=8.0A,TC=25
)
(Note 1)
(IF=16A,TC=25
)
F=8.0A ,TC=125
)
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=125
Maximum thermal resistance (Note 2)
RθJC
K/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2
. Thermal resistance f rom junction to case.
m A
30
35
40
45
50
60
80
100
8.0
150
30
35
40
45
50
60
80
100
VOLTAGE RANGE: 30 - 100 V
CURRENT: 8.0 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC TO-220AC,m olded plastic body
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
- 55 ---- + 150
- 55 ---- + 150
IR
VF
0.1
0.5
3.0
TO-220AC
MBR
MBR
MBR
MBR
MBR
MBR
MBR
MBR
830
835
840
845
850
860
880
8100
The plastic material carries U/L recognition 94V-0
High surge capacity.
For use in low voltage, high frequency inverters, free
11
1wheeling, and polarity protection applications.
Polarity: As m arked
Weight: 0.064 ounces,1.81 gram
15
50
V
0.57
0.70
0.84
0.70
-
0.80
0.85
0.95
-
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
Dimensions in millimeters
21
25
28
32
35
42
56
70
MBR830-MBR8100
Schottky Barrier Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MBR835

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR835 DIODES-MBR835 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Galaxy Semi-Conductor H...
MBR835 BILIN-MBR835 Datasheet
200Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
MBR835 SIRECTIFIER-MBR835 Datasheet
80Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR835 KERSEMI-MBR835 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR835

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com