Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ90A-LFR Datasheet(PDF) 4 Page - Frontier Electronics.

Part # P4SMAJ90A-LFR
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

P4SMAJ90A-LFR Datasheet(HTML) 4 Page - Frontier Electronics.

  P4SMAJ90A-LFR Datasheet HTML 1Page - Frontier Electronics. P4SMAJ90A-LFR Datasheet HTML 2Page - Frontier Electronics. P4SMAJ90A-LFR Datasheet HTML 3Page - Frontier Electronics. P4SMAJ90A-LFR Datasheet HTML 4Page - Frontier Electronics. P4SMAJ90A-LFR Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P4SMAJ5.0-LFR THRU P4SMAJ188A-LFR
Page:
4
DEVICE
MARKING
CODE
BREAKDOWN VOLTAGE
V(BR) (VOLTS) at IT
DEVICE
UNI
BI
WORKING
PEAK
REVERSE
VOLTAGE
VWM(VOLTS)
MIN
MAX
TEST
CURRENT
IT(mA)
MAXIMUM
Clamping
VOLTAGE
AT IPPM
VC(Volts)
(Note 5)
MAX
PEAK PULSE
SURGE CURRENT
IPPM
(NOTE 5)
(Amps)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID(μA)
P4SMAJ51-LFR
P4SMAJ51A-LFR
P4SMAJ54-LFR
P4SMAJ54A-LFR
P4SMAJ58-LFR
P4SMAJ58A-LFR
P4SMAJ60-LFR
P4SMAJ60A-LFR
P4SMAJ64-LFR
P4SMAJ64A-LFR
P4SMAJ70-LFR
P4SMAJ70A-LFR
P4SMAJ75-LFR
P4SMAJ75A-LFR
P4SMAJ78-LFR
P4SMAJ78A-LFR
P4SMAJ85-LFR
P4SMAJ85A-LFR
P4SMAJ90-LFR
P4SMAJ90A -LFR
P4SMAJ100-LFR
P4SMAJ100A-LFR
P4SMAJ110-LFR
P4SMAJ110A-LFR
P4SMAJ120-LFR
P4SMAJ120A-LFR
P4SMAJ130-LFR
P4SMAJ130A-LFR
P4SMAJ150-LFR
P4SMAJ150A-LFR
P4SMAJ160-LFR
P4SMAJ160A-LFR
P4SMAJ170-LFR
P4SMAJ170A-LFR
P4SMAJ188-LFR
P4SMAJ188A-LFR
CY
CZ
RD
RE
RF
RG
RH
RK
RL
RM
RN
RP
RQ
RR
RS
RT
RU
RV
RW
RX
RY
RZ
SD
SE
SF
SG
SH
SK
SL
SM
SN
SP
SQ
SR
ST
SS
YY
YZ
ZD
ZE
ZF
ZG
ZH
ZK
ZL
ZM
ZN
ZP
ZQ
ZR
ZS
ZT
ZU
ZV
ZW
ZX
ZY
ZZ
VD
VE
VF
VG
VH
VK
VL
VM
VN
VP
VQ
VR
VT
VS
51
51
54
54
58
58
60
60
64
64
70
70
75
75
78
78
85
85
90
90
100
100
110
110
120
120
130
130
150
150
160
160
170
170
188
188
56.7
56.7
60.0
60.0
64.4
64.4
66.7
66.7
71.1
71.1
77.8
77.8
83.3
83.3
86.7
86.7
94.4
94.4
100
100
111
111
122
122
133
133
144
144
167
167
178
178
189
189
209
209
69.3
62.7
73.3
66.3
78.7
71.2
81.5
73.7
86.4
78.6
95.1
86.0
102.0
92.1
106.0
95.8
115.0
104.0
122.0
111.0
136.0
123.0
149.0
135.0
163.0
147.0
176.0
159.0
204.0
185.0
218.0
197.0
231.0
209.0
255.0
231.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
91.1
82.4
96.3
87.1
103.0
93.6
107.0
96.8
114.0
103.0
125.0
113.0
134.0
121.0
139.0
126.0
151.0
137.0
160.0
146.0
179.0
162.0
196.0
177.0
214.0
193.0
231.0
209.0
268.0
243.0
287.0
259.0
304.0
275.0
344.0
328.0
4.4
4.9
4.2
4.6
3.9
4.3
3.7
4.1
3.5
3.9
3.2
3.5
3.0
3.3
2.9
3.2
2.6
2.9
2.5
2.7
2.2
2.5
2.0
2.3
1.9
2.1
1.7
1.9
1.5
1.6
1.4
1.5
1.3
1.4
1.1
1.2
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
NOTE:
1. VF=3.5V at IF=25A on ½ Square or Equivalent Sine Wave. PW = 8.3ms , Duty Cycle = 4 Pulses per Minute Maximum
2. For Bipolar types with VR of 10 volts and under , the IR limit is doubled
3. Mounted on 5.0mm
2 copper pads to each terminal.
4. For Bidirectional use C suffix for 10% tolerance , CA suffix for 5% tolerance


Similar Part No. - P4SMAJ90A-LFR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ90A PANJIT-P4SMAJ90A Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
P4SMAJ90A PANJIT-P4SMAJ90A Datasheet
179Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Surge Components
P4SMAJ90A SURGE-P4SMAJ90A Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Yea Shin Technology Co....
P4SMAJ90A YEASHIN-P4SMAJ90A Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
Transys Electronics
P4SMAJ90A TRSYS-P4SMAJ90A Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ90A-LFR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com