Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK16-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SK16-LFR
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SK16-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  SK16-LFR Datasheet HTML 1Page - Frontier Electronics. SK16-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK12-LFR THRU SK110-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVE SK12-LFR THRU SK110-LFR
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
.10
.01
.001
TJ=125
TJ=75
TJ=25
FIG. 1 - FORWARD CURRENT
DERATING CURVE
1.0
.75
.50
.25
0
0
25
50
75
100
125
150
175
LEAD TEMPERATURE,
SINGLE PHASE HALF
WAVE 60HZ RESISTIVE
OR INDUCTIVE LOAD
3.75”(9.5mm) LEAD LENGTH
UM NON-REPETITIVE
30
25
20
10
5
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25
PULSE WIDTH=300us
1% DUTY CYCLE
SK12-LF-SK14-LF
SK15-LF-SK16-LF
SK18-LF-SK110-LF
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
.1
.4
1.0
4
10
40
REVERSE VOLTAGE (V)
TJ=250C


Similar Part No. - SK16-LFR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK16-L MCC-SK16-L Datasheet
282Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK16-L MCC-SK16-L Datasheet
312Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK16-L MCC-SK16-L Datasheet
312Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK16-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com