Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2930M1-3.3 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2930M1-3.3
Description  150 mA Low Dropout Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2930M1-3.3 Datasheet(HTML) 9 Page - Sipex Corporation

  SPX2930M1-3.3 Datasheet HTML 1Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 2Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 4 page
background image
9
Date: 05/25/04
SPX2930 150mA Low Dropout Voltage Regulator
© Copyright 2002 Sipex Corporation
PART NUMBER
ACC.
OUTPUT VOLTAGE
PACKAGE
SPX2930M1-3.3
3%
3.3V
3 lead SOT-89
SPX2930M1-3.3/TR
3%
3.3V
3 lead SOT-89
SPX2930M1-3.5
3%
3.5V
3 lead SOT-89
SPX2930M1-3.5/TR
3%
3.5V
3 lead SOT-89
SPX2930N-3.3
3%
3.3V
3 lead TO-92
SPX2930N-3.3/TR
3%
3.3V
3 lead TO-92
SPX2930N-3.5
3%
3.5V
3 lead TO-92
SPX2930N-3.5/TR
3%
3.5V
3 lead TO-92
SPX2930U-3.3
3%
3.3V
3 Lead TO-220
SPX2930U-3.5
3%
3.5V
3 Lead TO-220
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX2930N-3.3/TR = standard; SPX2930N-L-3.3/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,000 for TO-92 and 2,500 for SOT-89.


Similar Part No. - SPX2930M1-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2930M1-3.3 SIPEX-SPX2930M1-3.3 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2930M1-3.3 SIPEX-SPX2930M1-3.3 Datasheet
221Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2930M1-3.3/TR SIPEX-SPX2930M1-3.3/TR Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2930M1-3.3/TR SIPEX-SPX2930M1-3.3/TR Datasheet
221Kb / 9P
   150mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2930M1-3.3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCV4266 ONSEMI-NCV4266 Datasheet
122Kb / 11P
   150 mA Low-Dropout Voltage Regulator with Enable
June, 2012 ??Rev. 2
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com