Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT107MJ10 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LT107MJ10
Description  Ceramic Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LT107MJ10 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LT107MJ10 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MJ10 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MJ10 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
2
6. DIMENSIONS(mm)
7. ENVIRONMENTAL CHARACTERISTICS
7-1
IGH TEMPERATURE EXPOSURE
subject the
fitter to +80℃ for 24 hours. then release the filter
into room
condition for 4 hours prior to measurement , it shall fulfill the
the specifications in table 2.
7-2
MOISURE
keep the
filter
at 40℃ and 95%RH for 24 hours, then release
the filter into
the room
conditions
for
2
to hours
prior to the measurement. it shall
fulfill the specifications in table 2.
7-3
Low Temperature
subject the
filter to -20℃ for 24 hours.
then release the filter into the room
conditions for 4 hours prior
to the measurement. it shall
fulfill
the specific
ations in table 2.
7-4
TEMPERATURE CYCLING
subject
the
filter
to
alow temperature of -20℃ for 30 minutes. followsing
by a high temperature
of +80℃ for 30 minutes. then release the filter into the
room conditions for 1 to 2 hours prior to the mesurement. it shall meet the
specifications in table 2.
7-5
RESISTANCE
TO
SOLDER HEAT
dip the filter terminals no
closer
than
1.5mm
into the solder bath at
260℃ ±10℃for 5±0.5 sec. then release the filter in to he room conditions
for24 hours. the filter shall meet the specifications in table 2.
7-6
MECHANICAL SHOCK
drop the fil ter randomly onto the
concrete floor from the
height of 1 meter 3
times. it
shall fulfill
the specifications in table 2.


Similar Part No. - LT107MJ10

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LT107MJ LUGUANG-LT107MJ Datasheet
141Kb / 5P
   ceramic filter
More results

Similar Description - LT107MJ10

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com