Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2950ACN-5.0 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX2950ACN-5.0
Description  150mA Low Dropout Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2950ACN-5.0 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX2950ACN-5.0 Datasheet HTML 4Page - Sipex Corporation SPX2950ACN-5.0 Datasheet HTML 5Page - Sipex Corporation SPX2950ACN-5.0 Datasheet HTML 6Page - Sipex Corporation SPX2950ACN-5.0 Datasheet HTML 7Page - Sipex Corporation SPX2950ACN-5.0 Datasheet HTML 8Page - Sipex Corporation SPX2950ACN-5.0 Datasheet HTML 9Page - Sipex Corporation SPX2950ACN-5.0 Datasheet HTML 10Page - Sipex Corporation SPX2950ACN-5.0 Datasheet HTML 11Page - Sipex Corporation SPX2950ACN-5.0 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Rev. 3/6/03
SPX2950/SPX2951 150mA Low Dropout Voltage Regulator
©Copyright 2003 Sipex Corporation
SPX2951
1
2
8
5
3
46
7
100kΩ
100kΩ
100kΩ
20kΩ
10kΩ
1kΩ
100kΩ
39kΩ
1%
1%
1%
R1
1%
<6.2V**
<6.0V**
<5.8V**
+VOUT=5V
1µF
+
39kΩ
1kΩ
6V
LEAD-
ACID
BATTERY
-
-
+
+
C3
C2
-
+
C1
-
+
C4
RESET
+VIN
ERROR
SD
GND
TAP
FB
SENSE
VOUT
* OPTIONAL LATCH OFF WHEN DROPOUT OCCURS.
ADJUST R3 FOR C2 SWITCHING WHEN VIN IA 6.0V
* OUTPUTS GO LOW WHEN VIN DROPS BELOW DESIGNATED THRESHOLDS
Figure 6. Regulator with State-of Charge Indicator
EXTERNAL CIRCUIT
PROTECTED FROM
OVER TEMPERATURE
(V+ GOES OFF WHEN
TEMP > 125)
OR
RELAY
8.2K
TEMP
SENSOR
GND
V OUT
FB
SD
+V
IN
+V IN
10K
5 DEGREE SHUTDOWN FLAG
ERROR
_______
3
5
8
4
7
1
AUX SHUTDOW
INPUT
OFF
ON
AS35
+
-
SPX2951
.
.
Figure 7. System Over Temperature Protection
TYPICAL APPLICATIONS: (Continued)


Similar Part No. - SPX2950ACN-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2950ACN-5.0 SIPEX-SPX2950ACN-5.0 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2950ACN-5.0

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
CLM2950 CALOGIC-CLM2950 Datasheet
154Kb / 10P
   150mA Low Dropout Voltage Regulators
logo
List of Unclassifed Man...
PJ2950 ETC1-PJ2950 Datasheet
106Kb / 7P
   150mA Low Dropout Voltage Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com