Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF50-02G Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SF50-02G
Description  5A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SF50-02G Datasheet(HTML) 1 Page - Frontier Electronics.

  SF50-02G Datasheet HTML 1Page - Frontier Electronics. SF50-02G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF50-005G THRU SF50-06G
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
5A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF50-005G THRU SF50-06G
FEATURES
LOW POWER LOSS, HIGH EFFICIENCY
LOW FORWARD VOLTAGE
HIGH CURRENT CAPABILITY
HIGH SPEED SWITCHING
HIGH RELIABILITY
HIGH SURGE CAPABILITY
GLASS PASSIVATED CHIP JUNCTION
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO201AD, DIMENSIONS IN INCHES
AND (MILLIMETERS)
EPOXY: UL 94V-0 MOLDING COMPOUND
LEADS: MIL-STD-202E, METHOD 208C GUARANTEED
MOUNTING POSITION: ANY
WEIGHT: 1.2 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SF50
-005G
SF50
-01G
SF50
-015G
SF50
-02G
SF50
-03G
SF50
-04G
SF50
-05G
SF50
-06G
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
150
200
300
400
500
600
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
105
140
210
280
350
420
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
150
200
300
400
500
600
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
5.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
150
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
50
30
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθjc
30
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SF50
-005G
SF50
-01G
SF50
-015G
SF50
-02G
SF50
-03G
SF50
-04G
SF50
-05G
SF50
-06G
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
0.95
1.25
1.85
V
MAXIMUM REVERSE CURRENT AT 25
IR
10
μA
MAXIMUM REVERSE CURRENT AT 100
IR
100
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
35
nS
NOTE
: 1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 30
×30×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
1.0(25.4)
MIN
.052(1.3)
.048(1.2)


Similar Part No. - SF50-02G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF50-02 FRONTIER-SF50-02 Datasheet
128Kb / 2P
   5A SUPER FAST RECOVERY RECTIFIER
SF50-02-LFR FRONTIER-SF50-02-LFR Datasheet
128Kb / 2P
   5A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF50-02G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDR5KF DIODES-PDR5KF Datasheet
555Kb / 6P
   5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Comchip Technology
SF8A01F-G COMCHIP-SF8A01F-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Kwang Myoung I.S. CO.,L...
E1A KISEMICONDUCTOR-E1A Datasheet
5Mb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
EF6A02 YENYO-EF6A02 Datasheet
772Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Comchip Technology
SF10C01CF-G COMCHIP-SF10C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF16C01CF-G COMCHIP-SF16C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF20C01CF-G COMCHIP-SF20C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
SF6A01 YENYO-SF6A01 Datasheet
807Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF10C01C YENYO-SF10C01C Datasheet
678Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF501G YENYO-SF501G Datasheet
1Mb / 2P
   Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com